Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F001BX-T150 Datasheet(PDF) 11 Page - Intel Corporation

Part # TE28F001BX-T150
Description  1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F001BX-T150 Datasheet(HTML) 11 Page - Intel Corporation

Back Button TE28F001BX-T150 Datasheet HTML 7Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 8Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 9Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 10Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 11Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 12Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 13Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 14Page - Intel Corporation TE28F001BX-T150 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
28F001BX-T28F001BX-B
Program SetupProgram Commands
Programming is executed by a two-write sequence
The program Setup command (40H) is written to the
Command Register followed by a second write
specifying the address and data (latched on the ris-
ing edge of WE ) to be programmed The WSM
then takes over controlling the program and verify
algorithms internally After the two-command pro-
gram sequence is written to it the 28F001BX auto-
matically outputs Status Register data when read
(see Figure 9 Byte Program Flowchart) The CPU
can detect the completion of the program event by
analyzing the WSM Status bit of the Status Register
Only the Read Status Register command is valid
while programming is active
When the Status Register indicates that program-
ming is complete the Program Status bit should be
checked If program error is detected the Status
Register should be cleared The internal WSM verify
only detects errors for ‘‘1s’’ that do not successfully
program to ‘‘0s’’ The Command Register remains in
Read Status Register mode until further commands
are issued to it If byte program is attempted while
VPP e VPPL the VPP Status bit will be set to ‘‘1’’
Program attempts while VPPL k VPP k VPPH pro-
duce spurious results and should not be attempted
EXTENDED ERASEPROGRAM
CYCLING
EEPROM cycling failures have always concerned
users The high electrical field required by thin oxide
EEPROMs for tunneling can literally tear apart the
oxide at defect regions To combat this some sup-
pliers have implemented redundancy schemes re-
ducing cycling failures to insignificant levels Howev-
er redundancy requires that cell size be doubled an
expensive solution
Intel has designed extended cycling capability into
its ETOX flash memory technology Resulting im-
provements in cycling reliability come without in-
creasing memory cell size or complexity First an
advanced tunnel oxide increases the charge carry-
ing ability ten-fold Second the oxide area per cell
subjected to the tunneling electrical field is one-
tenth that of common EEPROMs minimizing the
probability of oxide defects in the region Finally the
peak electric field during erasure is approximately 2
Mvcm lower than EEPROM The lower electric field
greatly reduces oxide stress and the probability of
failure
The 28F001BX-B and 28F001BX-T are capable of
100000 programerase cycles on each parameter
block main block and boot block
ON-CHIP PROGRAMMING
ALGORITHM
The 28F001BX integrates the Quick Pulse program-
ming algorithm of prior Intel Flash Memory devices
on-chip using the Command Register Status Regis-
ter and Write State Machine (WSM) On-chip inte-
gration dramatically simplifies system software and
provides processor-like interface timings to the
Command and Status Registers WSM operation in-
ternal program verify and VPP high voltage presence
are monitored and reported via appropriate Status
Register bits Figure 9 shows a system software
flowchart for device programming The entire se-
quence is performed with VPP at VPPH Program
abort occurs when RP
transitions to VIL orVPP
drops to VPPL Although the WSM is halted byte
data is partially programmed at the location where
programming was aborted Block erasure or a re-
peat of byte programming will initialize this data to a
known value
ON-CHIP ERASE ALGORITHM
As above the Quick Erase algorithm of prior Intel
Flash Memory devices is now implemented internal-
ly including all preconditioning of block data WSM
operation erase success and VPP high voltage pres-
ence are monitored and reported through the Status
Register
Additionally
if a command other than
Erase Confirm is written to the device after Erase
Setup has been written both the Erase Status and
Program Status bits will be set to ‘‘1’’ When issuing
the Erase Setup and Erase Confirm commands they
should be written to an address within the address
range of the block to be erased Figure 10 shows a
system software flowchart for block erase
Erase typically takes 1 – 4 seconds per block The
Erase SuspendErase Resume command sequence
allows interrupt of this erase operation to read data
from a block other than that in which erase is
being performed
A system software flowchart is
shown in Figure 11
The entire sequence is performed with VPP at VPPH
Abort occurs when RP
transitions to VIL or VPP
falls to VPPL while erase is in progress Block data is
partially erased by this operation and a repeat of
erase is required to obtain a fully erased block
11


Similar Part No. - TE28F001BX-T150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F002BVB80 INTEL-TE28F002BVB80 Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F002BVT80 INTEL-TE28F002BVT80 Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F002BX-B80 INTEL-TE28F002BX-B80 Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
TE28F002BX-T80 INTEL-TE28F002BX-T80 Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
TE28F004 INTEL-TE28F004 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
More results

Similar Description - TE28F001BX-T150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com