Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F008B3T150 Datasheet(PDF) 3 Page - Intel Corporation

Part # TE28F008B3T150
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F008B3T150 Datasheet(HTML) 3 Page - Intel Corporation

  TE28F008B3T150 Datasheet HTML 1Page - Intel Corporation TE28F008B3T150 Datasheet HTML 2Page - Intel Corporation TE28F008B3T150 Datasheet HTML 3Page - Intel Corporation TE28F008B3T150 Datasheet HTML 4Page - Intel Corporation TE28F008B3T150 Datasheet HTML 5Page - Intel Corporation TE28F008B3T150 Datasheet HTML 6Page - Intel Corporation TE28F008B3T150 Datasheet HTML 7Page - Intel Corporation TE28F008B3T150 Datasheet HTML 8Page - Intel Corporation TE28F008B3T150 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
3
PRELIMINARY
CONTENTS
PAGE
PAGE
1.0 INTRODUCTION .............................................5
1.1 Smart 3 Advanced Boot Block Flash
Memory Enhancements ..............................5
1.2 Product Overview.........................................6
2.0 PRODUCT DESCRIPTION..............................6
2.1 Package Pinouts ..........................................7
2.2 Block Organization .....................................11
2.2.1 Parameter Blocks ................................11
2.2.2 Main Blocks .........................................11
3.0 PRINCIPLES OF OPERATION .....................14
3.1 Bus Operation ............................................14
3.1.1 Read....................................................15
3.1.2 Output Disable.....................................15
3.1.3 Standby ...............................................15
3.1.4 Deep Power-Down/Reset ....................15
3.1.5 Write....................................................15
3.2 Modes of Operation....................................15
3.2.1 Read Array ..........................................16
3.2.2 Read Intelligent Identifier .....................17
3.2.3 Read Status Register ..........................17
3.2.4 Program Mode.....................................18
3.2.5 Erase Mode .........................................19
3.3 Block Locking.............................................26
3.3.1 VPP = VIL for Complete Protection .......26
3.3.2 WP# = VIL for Block Locking................26
3.3.3 WP# = VIH for Block Unlocking ............26
3.4 VPP Program and Erase Voltages ..............26
3.5 Power Consumption ...................................26
3.5.1 Active Power .......................................26
3.5.2 Automatic Power Savings (APS) .........27
3.5.3 Standby Power ....................................27
3.5.4 Deep Power-Down Mode.....................27
3.6 Power-Up/Down Operation.........................27
3.6.1 RP# Connected to System Reset ........27
3.6.2 VCC, VPP and RP# Transitions .............27
3.7 Power Supply Decoupling ..........................28
3.7.1 VPP Trace on Printed Circuit Boards ....28
4.0 ABSOLUTE MAXIMUM RATINGS ................29
5.0 OPERATING CONDITIONS
(VCCQ = 2.7V–3.6V).......................................29
5.1 DC Characteristics: VCCQ = 2.7V–3.6V.......30
6.0 OPERATING CONDITIONS
(VCCQ = 1.8V–2.2V).......................................34
6.1 DC Characteristics: VCCQ = 1.8V–2.2V.......34
7.0 AC CHARACTERISTICS...............................39
7.1 Reset Operations .......................................43
APPENDIX A: Ordering Information .................45
APPENDIX B: Write State Machine Current/
Next States ..................................................46
APPENDIX C: Access Time vs.
Capacitive Load...........................................47
APPENDIX D: Architecture Block Diagram ......48
APPENDIX E: Additional Information ...............49


Similar Part No. - TE28F008B3T150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F008B3T110 INTEL-TE28F008B3T110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - TE28F008B3T150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F400B3 INTEL-28F400B3 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com