Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-4261-A01 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # HSDL-4261-A01
Description  IR Emitter and Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-4261-A01 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  HSDL-4261-A01 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-4261-A01 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-4261-A01 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-4261-A01 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-4261-A01 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-4261-A01 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-4261-A01 Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION.
Property of Lite - On Only
ABSOLUTE MAXIMUM RATINGS AT TA=25℃
PARAMETER
Symbol
MIN
MAX
UNIT
Reference
Forward Current
IFDC
100
mA
[1],FIG.2
Power Dissipation
PDISS
190
mW
Reverse Voltage
VR
5
V
IR=100uA
Storage Temperature
TS
-40
100
LED Junction Temperature
TJ
110
Lead Soldering Temperature
[1.6mm(.063") From Body]
260 for
5
seconds
Notes:
1.Derate as shown in Figure 6.
Recommended Operating Conditions
PARAMETER
Symbol
MIN
MAX
UNIT
Reference
Operating Temperature
TO
-40
70
Part No. : HSDL-4261 DATA SHEET (REV.A ,Apr,2013)
Page :
2
of
6
BNS-OD-C131/A4


Similar Part No. - HSDL-4261-A01

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4261 AVAGO-HSDL-4261 Datasheet
235Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (870nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4261 LITEON-HSDL-4261 Datasheet
250Kb / 4P
   Property of LITE-ON Only
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4261 AVAGO-HSDL-4261 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
HSDL-4261 BOARDCOM-HSDL-4261 Datasheet
185Kb / 1P
   Optical Mouse Sensor
HSDL-4261 BOARDCOM-HSDL-4261 Datasheet
58Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - HSDL-4261-A01

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LRE-S9711-J LITEON-LRE-S9711-J Datasheet
480Kb / 8P
   IR Emitter and Detector
LTE-C216-P-W LITEON-LTE-C216-P-W Datasheet
614Kb / 8P
   IR Emitter and Detector
LTE-S9511T-E LITEON-LTE-S9511T-E Datasheet
519Kb / 7P
   IR Emitter and Detector
LTE-C9511-E LITEON-LTE-C9511-E Datasheet
517Kb / 7P
   IR Emitter and Detector
LTE-R38381-STR LITEON-LTE-R38381-STR Datasheet
573Kb / 8P
   IR Emitter and Detector
LTE-R38386L-S LITEON-LTE-R38386L-S Datasheet
576Kb / 8P
   IR Emitter and Detector
LTE-S3201 LITEON-LTE-S3201 Datasheet
615Kb / 9P
   IR Emitter and Detector
LTR-209 LITEON-LTR-209 Datasheet
284Kb / 4P
   IR Emitter and Detector
LTR-516AB LITEON-LTR-516AB Datasheet
282Kb / 5P
   IR Emitter and Detector
LTR-526AD LITEON-LTR-526AD Datasheet
279Kb / 5P
   IR Emitter and Detector
LTR-5888DHP1 LITEON-LTR-5888DHP1 Datasheet
304Kb / 5P
   IR Emitter and Detector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com