Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA28F016SA-150 Datasheet(PDF) 6 Page - Intel Corporation

Part # DA28F016SA-150
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016SA-150 Datasheet(HTML) 6 Page - Intel Corporation

Back Button DA28F016SA-150 Datasheet HTML 2Page - Intel Corporation DA28F016SA-150 Datasheet HTML 3Page - Intel Corporation DA28F016SA-150 Datasheet HTML 4Page - Intel Corporation DA28F016SA-150 Datasheet HTML 5Page - Intel Corporation DA28F016SA-150 Datasheet HTML 6Page - Intel Corporation DA28F016SA-150 Datasheet HTML 7Page - Intel Corporation DA28F016SA-150 Datasheet HTML 8Page - Intel Corporation DA28F016SA-150 Datasheet HTML 9Page - Intel Corporation DA28F016SA-150 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
28F016SA
E
6
when writing several bytes in a row to the array or
erasing several blocks at the same time. The
28F016SA can also perform program operations to
one block of memory while performing erase of
another block.
The
28F016SA
provides
user-selectable
block
locking to protect code or data such as device
drivers, PCMCIA card information, ROM-executable
O/S or application code. Each block has an
associated nonvolatile lock-bit which determines the
lock status of the block. In addition, the 28F016SA
has a master Write Protect pin (WP#) which
prevents any modifications to memory blocks
whose lock-bits are set.
The 28F016SA contains three types of Status
Registers to accomplish various functions:
• A Compatible Status Register (CSR) which is
100% compatible with the 28F008SA FlashFile
memory’s Status Register. This register, when
used alone, provides a straightforward upgrade
capability to the 28F016SA from a 28F008SA-
based design.
• A Global Status Register (GSR) which informs
the system of Command Queue status, Page
Buffer status, and overall Write State Machine
(WSM) status.
• 32 Block Status Registers (BSRs) which provide
block-specific status information such as the
block lock-bit status.
The GSR and BSR memory maps for byte-wide and
word-wide
modes
are
shown
in
Figures
5
and 6.
The 28F016SA incorporates an open drain RY/BY#
output pin. This feature allows the user to OR-tie
many RY/BY# pins together in a multiple memory
configuration such as a Resident Flash Array.
Other configurations of the RY/BY# pin are enabled
via special CUI commands and are described in
detail in the
16-Mbit Flash Product Family User’s
Manual.
The 28F016SA also incorporates a dual chip-enable
function with two input pins, CE0# and CE1#. These
pins have exactly the same functionality as the
regular chip-enable pin CE# on the 28F008SA. For
minimum chip designs, CE1# may be tied to ground
to use CE0# as the chip enable input. The
28F016SA uses the logical combination of these
two signals to enable or disable the entire chip. Both
CE0# and CE1# must be active low to enable the
device and, if either one becomes inactive, the chip
will be disabled. This feature, along with the open
drain RY/BY# pin, allows the system designer to
reduce the number of control pins used in a large
array of 16-Mbit devices.
The
BYTE#
pin
allows
either
x8
or
x16
read/programs to the 28F016SA. BYTE# at logic
low selects 8-bit mode with address A0 selecting
between low byte and high byte. On the other hand,
BYTE# at logic high enables 16-bit operation with
address A1 becoming the lowest order address and
address A0 is not used (don’t care). A device block
diagram is shown in Figure 1.
The 28F016SA is specified for a maximum access
time of 70 ns (tACC) at 5.0V operation (4.75V to
5.25V) over the commercial temperature range
(0
°C to +70°C). A corresponding maximum access
time of 120 ns at 3.3V (3.0V to 3.6V and 0
°C to
+70
°C) is achieved for reduced power consumption
applications.
The 28F016SA incorporates an Automatic Power
Saving (APS) feature which substantially reduces
the active current when the device is in the static
mode of operation (addresses not switching).
In APS mode, the typical ICC current is 1 mA at 5.0V
(0.8 mA at 3.3V).
A deep power-down mode of operation is invoked
when the RP# (called PWD# on the 28F008SA) pin
transitions low. This mode brings the device power
consumption to less than 1.0 µA, typically, and
provides additional write protection by acting as a
device reset pin during power transitions. A reset
time is required from RP# switching high until
outputs are again valid. In the deep power-down
state, the WSM is reset (any current operation will
abort) and the CSR, GSR and BSR registers are
cleared.
A CMOS standby mode of operation is enabled
when either CE0# or CE1# transitions high and RP#
stays high with all input control pins at CMOS
levels. In this mode, the device typically draws an
ICC standby current of 50 µA.
2.0
DEVICE PINOUT
The 28F016SA 56-lead TSOP Type I pinout
configuration is shown in Figure 2. The 56-lead
SSOP pinout configuration is shown in Figure 3.


Similar Part No. - DA28F016SA-150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA28F016SV-065 INTEL-DA28F016SV-065 Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
DA28F016SV-070 INTEL-DA28F016SV-070 Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
DA28F016SV-075 INTEL-DA28F016SV-075 Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
DA28F016SV-080 INTEL-DA28F016SV-080 Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
DA28F016SV-120 INTEL-DA28F016SV-120 Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
More results

Similar Description - DA28F016SA-150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
   8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com