Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F020-150 Datasheet(PDF) 6 Page - Intel Corporation

Part # TE28F020-150
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F020-150 Datasheet(HTML) 6 Page - Intel Corporation

Back Button TE28F020-150 Datasheet HTML 2Page - Intel Corporation TE28F020-150 Datasheet HTML 3Page - Intel Corporation TE28F020-150 Datasheet HTML 4Page - Intel Corporation TE28F020-150 Datasheet HTML 5Page - Intel Corporation TE28F020-150 Datasheet HTML 6Page - Intel Corporation TE28F020-150 Datasheet HTML 7Page - Intel Corporation TE28F020-150 Datasheet HTML 8Page - Intel Corporation TE28F020-150 Datasheet HTML 9Page - Intel Corporation TE28F020-150 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
28F020
E
6
Erase Voltage
Switch
Input/Output
Buffers
PGM Voltage
Switch
Chip Enable
Output Enable
Logic
Data Latch
State
Control
Command
Register
Integrated Stop
Timer
Y-Decoder
X-Decoder
Y-Gating
2,097,152 Bit
Cell Matrix
To Array Source
V
CC
V
SS
V
PP
WE#
CE#
OE#
A
0 - A17
STB
STB
DQ
0 - DQ7
0245_01
Figure 1. 28F020 Block Diagram
Table 1. Pin Description
Symbol
Type
Name and Function
A0–A17
INPUT
ADDRESS INPUTS for memory addresses. Addresses are
internally latched during a write cycle.
DQ0–DQ7
INPUT/OUTPUT
DATA INPUT/OUTPUT: Inputs data during memory write cycles;
outputs data during memory read cycles. The data pins are active
high and float to tri-state off when the chip is deselected or the
outputs are disabled. Data is internally latched during a write cycle.
CE#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers,
decoders and sense amplifiers. CE# is active low; CE# high
deselects the memory device and reduces power consumption to
standby levels.
OE#
INPUT
OUTPUT ENABLE: Gates the devices output through the data
buffers during a read cycle. OE# is active low.
WE#
INPUT
WRITE ENABLE: Controls writes to the control register and the
array. Write enable is active low. Addresses are latched on the
falling edge and data is latched on the rising edge of the WE#
pulse.
Note: With VPP
≤ 6.5 V, memory contents cannot be altered.
VPP
ERASE/PROGRAM POWER SUPPLY for writing the command
register, erasing the entire array, or programming bytes in the array.
VCC
DEVICE POWER SUPPLY (5 V ±10%)
VSS
GROUND


Similar Part No. - TE28F020-150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F001BX-B150 INTEL-TE28F001BX-B150 Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
TE28F001BX-B90 INTEL-TE28F001BX-B90 Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
TE28F001BX-T150 INTEL-TE28F001BX-T150 Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
TE28F001BX-T90 INTEL-TE28F001BX-T90 Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
TE28F002BVB80 INTEL-TE28F002BVB80 Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - TE28F020-150

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com