Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1988B Datasheet(PDF) 7 Page - Analog Devices

Part # AD1988B
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1988B Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1988B_15 Datasheet HTML 3Page - Analog Devices AD1988B_15 Datasheet HTML 4Page - Analog Devices AD1988B_15 Datasheet HTML 5Page - Analog Devices AD1988B_15 Datasheet HTML 6Page - Analog Devices AD1988B_15 Datasheet HTML 7Page - Analog Devices AD1988B_15 Datasheet HTML 8Page - Analog Devices AD1988B_15 Datasheet HTML 9Page - Analog Devices AD1988B_15 Datasheet HTML 10Page - Analog Devices AD1988B_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD1988A/AD1988B
Rev. 0 | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Digital (DVDD)
−0.30 V to +3.65 V
Digital I/O (DVIO)
−0.30 V to +3.65 V
Analog (AVDD)
−0.30 V to +3.65 V
Input Current (Except Supply Pins)
±10.0 mA
Analog Input Voltage (Signal Pins)
−0.30 V to AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
−0.30 V to DVIO + 0.3 V
Ambient Temperature (Operating)
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Ambient temperature ratings are as follows:
TAMB = TCASE − (PD × θCA)
where:
TCASE = case temperature in °C.
PD = power dissipation in W.
θCA = thermal resistance (case-to-ambient).
Table 4. Thermal Resistance
Package Type
θJA1
θJC2
θCA3
Unit
LQFP
48
17
31
ºC/W
LFCSP_VQ4
47
15
32
ºC/W
1
θ
JA
= thermal resistance: junction-to-ambient.
2
θ
JC
= thermal resistance: junction-to-case.
3
θ
CA
= thermal resistance: case-to-ambient.
4 VQ = very thin quad.
ESD CAUTION


Similar Part No. - AD1988B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1988BJCPZ AD-AD1988BJCPZ Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988BJCPZ-RL AD-AD1988BJCPZ-RL Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988BJSTZ AD-AD1988BJSTZ Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
AD1988BJSTZ-RL AD-AD1988BJSTZ-RL Datasheet
1Mb / 20P
   High Definition Audio SoundMAX짰 Codec
REV. 0
More results

Similar Description - AD1988B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com