Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-6100BWG Datasheet(PDF) 8 Page - Optoway Technology Inc

Part # SPM-6100BWG
Description  16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-6100BWG Datasheet(HTML) 8 Page - Optoway Technology Inc

Back Button SPM-6100BWG Datasheet HTML 2Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 3Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 4Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 5Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 6Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 7Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 8Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 9Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 10Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Optoway
SPM-6100WG
***********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2011/12/1 V2.0
8
EEPROM Series ID Memory Contents (Address A0h)
Addr. Hex ASCII
Note
Addr. Hex ASCII
Note
Addr. Hex ASCII
Note
Addr. Hex ASCII
Note
0
03
SFP+
32
20
64
00
96
00
1
04
33
20
65
1A
Uncooled Tx,
Txdis, Txfault,
LOS enable
97
00
2
07
LC
34
20
66
00
Up bit rate
98
00
3
10
10G Base-SR
35
20
67
00
Low bit rate
99
00
4
00
36
00
NA
68
100 00
5
00
37
00
69
101 00
6
00
38
0E
70
102 00
7
60
Short (S) and
Intermediate (I)
Distance
39
FA
Vendor IEEE
OUI
71
103 00
8
40
Shortwave Laser
w/o OFC (SN)
40
53
S
72
104 00
9
0C
Multimode (M6,
M5, M5E)
41
50
P
73
105 00
10
F0
1600/1200/
800/400
Mbytes/sec
42
4D
M
74
106 00
11
06
64B/66B
43
2D
-
75
107 00
12
8C
14.025Gbps
44
36
6
76
108 00
13
00
45
31
1
77
109 00
14
00
46
30
0
78
110 00
15
00
47
30
0
79
111 00
16
04
OM2 50/125um MMF,
35m
48
57
W
80
112 00
17
02
OM1 62.5/125um
MMF, 15m
49
47
G
81
113 00
18
00
50
20
82
114 00
19
0A
OM3 50/125um MMF,
100m
51
20
83
Serial number:
each piece with
different serial
number
115 00
20
4F
O
52
20
84
116 00
21
50
P
53
20
85
117 00
22
54
T
54
20
86
118 00
23
4F
O
55
20
Part Number
87
119 00
24
57
W
56
30
0
88
120 00
25
41
A
57
30
0
89
121 00
26
59
Y
58
30
0
90
122 00
27
20
59
31
1
Revision,
depended on
version
91
Date Code
123 00
28
20
60
03
92
68
Monitoring
124 00
29
20
61
52
850 nm
93
F0
Soft Control
and Monitoring
125 00
30
20
62
00
Reserved
94
05
SFF-8472V11.0 126 00
31
20
Vendor name
63
Checksum 0-62 95
Checksum 64-94
127 00
Vendor
specific
EEPROM


Similar Part No. - SPM-6100BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-6100BWG OPTOWAY-SPM-6100BWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100BWG OPTOWAY-SPM-6100BWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
More results

Similar Description - SPM-6100BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-6100BWG OPTOWAY-SPM-6100BWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG_15 Datasheet
257Kb / 10P
   850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPS-6110AWG OPTOWAY-SPS-6110AWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110BWG OPTOWAY-SPS-6110BWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110WG OPTOWAY-SPS-6110WG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPM-8100WG OPTOWAY-SPM-8100WG Datasheet
145Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-9100FWG OPTOWAY-SPM-9100FWG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps Digital Diagnostic SFP LC MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com