Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5064 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5064
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5064 Datasheet(HTML) 5 Page - Analog Devices

  AD5064_15 Datasheet HTML 1Page - Analog Devices AD5064_15 Datasheet HTML 2Page - Analog Devices AD5064_15 Datasheet HTML 3Page - Analog Devices AD5064_15 Datasheet HTML 4Page - Analog Devices AD5064_15 Datasheet HTML 5Page - Analog Devices AD5064_15 Datasheet HTML 6Page - Analog Devices AD5064_15 Datasheet HTML 7Page - Analog Devices AD5064_15 Datasheet HTML 8Page - Analog Devices AD5064_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5024/AD5044/AD5064
Rev. F | Page 5 of 28
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 4 and
Figure 5. VDD = 4.5 V to 5.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1
Symbol
Min
Typ
Max
Unit
SCLK Cycle Time
t1
20
ns
SCLK High Time
t2
10
ns
SCLK Low Time
t3
10
ns
SYNC to SCLK Falling Edge Setup Time
t4
17
ns
Data Setup Time
t5
5
ns
Data Hold Time
t6
5
ns
SCLK Falling Edge to SYNC Rising Edge
t7
5
30
ns
Minimum SYNC High Time (Single Channel Update)
t8
3
µs
Minimum SYNC High Time (All Channel Update)
t8
8
µs
SYNC Rising Edge to SCLK Fall Ignore
t9
17
ns
LDAC Pulse Width Low
t10
20
ns
SCLK Falling Edge to LDAC Rising Edge
t11
20
ns
CLR Minimum Pulse Width Low
t12
10
ns
SCLK Falling Edge to LDAC Falling Edge
t13
10
ns
CLR Pulse Activation Time
t14
10.6
µs
SCLK Rising Edge to SDO Valid
t152, 3
22
ns
SCLK Falling Edge to SYNC Rising Edge
t162
5
ns
SYNC Rising Edge to SCLK Rising Edge
t172
8
ns
SYNC Rising Edge to LDAC/CLR Falling Edge (Single Channel Update)
t182
2
µs
SYNC Rising Edge to LDAC/CLR Falling Edge (All Channel Update)
t182
8
µs
Power-up Time4
4.5
µs
1
Maximum SCLK frequency is 50 MHz at VDD = 4.5 V to 5.5 V. Guaranteed by design and characterization; not production tested.
2
Daisy-chain mode only.
3
Measured with the load circuit of Figure 3. t15 determines the maximum SCLK frequency in daisy-chain mode. AD5064-1 only.
4
Time to exit power-down mode to normal mode of AD5024/AD5044/AD5064/AD5064-1, 32nd clock edge to 90% of DAC midscale value, with output unloaded.
Circuit and Timing Diagrams
2mA
IOL
2mA
IOH
TO OUTPUT
PIN
CL
50pF
2
VOH (MIN) + VOL (MAX)
Figure 3. Load Circuit for Digital Output (SDO) Timing Specifications


Similar Part No. - AD5064_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD50641 AD-AD50641 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064ARUZ-1 AD-AD5064ARUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064ARUZ-1 AD-AD5064ARUZ-1 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5064ARUZ-1REEL7 AD-AD5064ARUZ-1REEL7 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064ARUZ-1REEL7 AD-AD5064ARUZ-1REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
More results

Similar Description - AD5064_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com