Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5100 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5100
Description  System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100 Datasheet(HTML) 4 Page - Analog Devices

  AD5100_15 Datasheet HTML 1Page - Analog Devices AD5100_15 Datasheet HTML 2Page - Analog Devices AD5100_15 Datasheet HTML 3Page - Analog Devices AD5100_15 Datasheet HTML 4Page - Analog Devices AD5100_15 Datasheet HTML 5Page - Analog Devices AD5100_15 Datasheet HTML 6Page - Analog Devices AD5100_15 Datasheet HTML 7Page - Analog Devices AD5100_15 Datasheet HTML 8Page - Analog Devices AD5100_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD5100
Rev. A | Page 4 of 36
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
6 V ≤ V1MON ≤ 30 V and 3 V ≤ V2MON ≤ 30 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
HIGH VOLTAGE MONITORING INPUTS
V1MON
Voltage Range
V1MON
6
30
V
Input Resistance
RIN_V1MON
36
55
70
OV, UV Threshold Tolerance
(See Figure 7 and Table 6)
ΔOV, ΔUV
TA = 25°C
−1.6
+1.6
%
TA = −40°C to +85°C
−1.8
+1.8
%
TA = −40°C to +125°C
−2
+2
%
Hysteresis
1.5
%
Programmable Shutdown Hold Time
Tolerance (See Figure 7 and Table 8)
Δt1SD_HOLD
TA = 25°C; does not apply to
Code 0x7
−10
+10
%
Programmable Shutdown Delay Tolerance
(See Figure 7 and Table 8)
Δt1SD_DELAY
TA = 25°C; does not apply to
Code 0x7
−10
+10
%
TA = −40°C to +125°C; does not
apply to Code 0x7
−17
+17
%
Fault Detection Delay
tFD_DELAY
60
μs
Glitch Immune Time
tGLITCH
Guaranteed by evaluation
45
μs
V2MON
Input Voltage
V2MON
Minimum voltage on V2MON to
ensure AD5100 VREG power-up
2.2
V
Voltage Range2
V2MON
3
30
V
Input Resistance
RIN_V2MON
500
675
860
On, Off Threshold Tolerance3
(See Figure 7 and Table 6)
ΔOn, ΔOff
TA = 25°C
−2
+2
%
TA = −40°C to +85°C
−2.4
+2.4
%
TA = −40°C to +125°C
−2.5
+2.5
%
Hysteresis
1.5
%
Turn-On Programmable SHDN Hold Time
Tolerance (See
and
)
Figure 7
Table 8
Δt2SD_HOLD
TA = 25°C; does not apply to
Code 0x7
−10
+10
%
Turn-Off Programmable SHDN Delay Time
Tolerance (See
and
)
Figure 7
Table 8
Δt2SD_DELAY
TA = 25°C; does not apply to
Code 0x07
−10
+10
%
TA = −40°C to +125°C; does not
apply to Code 0x7
−17
+17
%
Fault Detection Delay
tFD_DELAY
V2MON_OFF only
60
μs
Glitch Immune Time
tGLITCH
45
μs
SHDN
SHDN Output High
VOH
VRAIL = VREG, ISOURCE = 40 μA
2.4
V
VRAIL = V1MON, ISOURCE = 600 μA
V1MON − 0.5
V
SHDN Output Low
VOL
ISINK = 1.6 mA
0.4
V
V1MON = 12 V, ISINK = 40 mA
1.5
3
V
SHDN Sink Current
ISINK
V1MON = 12 V, SHDN forced to 12 V
10
13.5
mA
SHDNWARN (Open-Drain Output)
SHDNWARN Inactive Leakage Current
IOH_SHDNWARN
0.9
μA
SHDNWARN Active
VOL_SHDNWARN
ISINK = 3 mA
0.4
V


Similar Part No. - AD5100_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100EVAL AD-AD5100EVAL Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ AD-AD5100YRQZ Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ AD-AD5100YRQZ Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
More results

Similar Description - AD5100_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
logo
EUROQUARTZ limited
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOP90 EUROQUARTZ-XOP90 Datasheet
82Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL91 EUROQUARTZ-XOPL91 Datasheet
78Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
XOPL53 EUROQUARTZ-XOPL53 Datasheet
74Kb / 1P
   FACTORY PROGRAMMED OSCILLATORS
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com