Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-6100WG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPM-6100WG
Description  16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-6100WG Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPM-6100WG Datasheet HTML 1Page - Optoway Technology Inc SPM-6100WG Datasheet HTML 2Page - Optoway Technology Inc SPM-6100WG Datasheet HTML 3Page - Optoway Technology Inc SPM-6100WG Datasheet HTML 4Page - Optoway Technology Inc SPM-6100WG Datasheet HTML 5Page - Optoway Technology Inc SPM-6100WG Datasheet HTML 6Page - Optoway Technology Inc SPM-6100WG Datasheet HTML 7Page - Optoway Technology Inc SPM-6100WG Datasheet HTML 8Page - Optoway Technology Inc SPM-6100WG Datasheet HTML 9Page - Optoway Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Optoway
SPM-6100WG
***********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2011/12/1 V2.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
0
70
SPM-6100WG
-5
85
SPM-6100BWG
Operating Case Temperature
Topr
-40
85
oC
SPM-6100AWG
Operating Relative Humidity
RH
0
85
%
Non condensing
Power Supply Voltage
Vcc
0
4
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.14
3.3
3.46
V
0
70
oC / SPM-6100WG
-5
85
oC / SPM-6100BWG
Operating Case Temperature
Topr
-40
85
oC / SPM-6100AWG
Power Supply Current
ICC (TX+RX)
290
mA / 1
Data Rate
4.25
14.025
Gb/s
1. With established link.
Transmitter Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power
Po, Avg
-7.8
dBm
1 / Average
Output Center Wavelength
λc
840
850
860
nm
Output Spectrum Width
σλ
0.59
nm
RMS (σ)
Optical Modulation Amplitude
@4.25 Gb/s
OMA
247
µW
Optical Modulation Amplitude
@8.5 Gb/s
OMA
302
µW
Optical Modulation Amplitude
@14.025 Gb/s
OMA
331
µW
Vertical Eye Closure Penalty
@14.025 Gb/s
CEVPQ
2.56
dB
Relative Intensity Noise
RIN
-128
dB/Hz
1.
Max Po: Class 1 Laser Safety limit per CDRH and IEC/EN 60825. Output power is power coupled into a 50/125
µm multi-mode fiber.
Receiver Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Receiver OMA Sensitivity
@4.25 Gb/s
RxSENS
61
µW
2
Receiver OMA Sensitivity
@8.5 Gb/s
RxSENS
76
µW
2
Receiver OMA Sensitivity
@14.025 Gb/s
RxSENS
89
µW
2
Stress Receiver OMA Sensitivity
@14.025 Gb/s
Sens
---
-7.7
dBm
2
Receiver Overload
PMAX
0
---
dBm
LOS -- Deasserted
LOSD
---
---
-13
dBm
Transition: low to high
LOS -- Asserted
LOSA
-24
---
---
dBm
Transition: high to low
Wavelength of Operation
λc
770
860
nm
Optical Return Loss
ORL
-12
dB
2. Measured with worst ER; BER < 10
-12 and PRBS 231-1.


Similar Part No. - SPM-6100WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-6100WG OPTOWAY-SPM-6100WG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG_15 Datasheet
257Kb / 10P
   850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
More results

Similar Description - SPM-6100WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-6100BWG OPTOWAY-SPM-6100BWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100AWG OPTOWAY-SPM-6100AWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG_15 Datasheet
257Kb / 10P
   850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPS-6110AWG OPTOWAY-SPS-6110AWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110BWG OPTOWAY-SPS-6110BWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110WG OPTOWAY-SPS-6110WG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPM-8100WG OPTOWAY-SPM-8100WG Datasheet
145Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-9100FWG OPTOWAY-SPM-9100FWG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps Digital Diagnostic SFP LC MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com