Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-6100BWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-6100BWG
Description  16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-6100BWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-6100BWG Datasheet HTML 1Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 2Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 3Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 4Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 5Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 6Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 7Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 8Page - Optoway Technology Inc SPM-6100BWG Datasheet HTML 9Page - Optoway Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Optoway
SPM-6100WG
*********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2011/12/1 V2.0
1
SPM-6100WG / SPM-6100BWG / SPM-6100AWG
(RoHS Compliant)
16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP+ TRANSCEIVER
********************************************************************************************************************************************************************
FEATURES
l Up to 14.025 Gb/s Bi-directional Data Link
l Complaint to SFP+ MSA
l Compliant with 16G FC 1600-SN
l Compliant with 8G, 4G Fibre Channel
l Compliant with 10G Fibre Channel
l Built-in CDR with Shut-off Control
l Link Distance at 14.025 Gbd
35 m links with 50/125
µm MMF Cables
100 m links with OM3 MMF Cables
125 m links with OM4 MMF Cables
l SFF-8472 Digital Diagnostic Function
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operation: SPM-6100WG
l -5 to 85oC Operation: SPM-6100BWG
l -40 to 85oC Operation: SPM-6100AWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
l Enhanced EWRAP, OWRAP operational features
APPLICATIONS
l Multi-rate 16x/8x/4x Fiber Channel
l 10G FCoE
DESCRIPTION
The SPM-6100WG series multi-mode transceivers is SFP+
module
for
bi-directional
serial
optical
data
communications such as 16x/8x/4x Fibre Channel. It is
with the SFP+ 20-pin connector to allow hot plug capability.
Digital diagnostic functions are available via an I
2C. This
module is designed for multi-mode fiber and operates at a
nominal wavelength of 850 nm. The transmitter section
uses a Vertical Cavity Surface Emitted Laser (VCSEL)
and is a Class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated GaAs detector preamplifier (IDP) mounted in an
optical header and a rate selection clock data recovery
(CDR) IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC
Distance
(m)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPM-6100WG
14.025
16G / 8G / 4G
35/100/125*
850 VCSEL
SFP+ with DMI
0 to 70
Yes
SPM-6100BWG
14.025
16G / 8G / 4G
35/100/125*
850 VCSEL
SFP+ with DMI
-5 to 85
Yes
SPM-6100AWG
14.025
16G / 8G / 4G
35/100/125*
850 VCSEL
SFP+ with DMI
-40 to 85
Yes
*: 35m for OM2 MMF , 100m for OM3 MMF and 125 m for OM4 MMF. All tested at 14.025 Gb/s.


Similar Part No. - SPM-6100BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-6100BWG OPTOWAY-SPM-6100BWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100BWG OPTOWAY-SPM-6100BWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
More results

Similar Description - SPM-6100BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-6100BWG OPTOWAY-SPM-6100BWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100AWG OPTOWAY-SPM-6100AWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG_15 Datasheet
257Kb / 10P
   850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPS-6110AWG OPTOWAY-SPS-6110AWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110BWG OPTOWAY-SPS-6110BWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110WG OPTOWAY-SPS-6110WG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPM-8100WG OPTOWAY-SPM-8100WG Datasheet
145Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-9100FWG OPTOWAY-SPM-9100FWG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps Digital Diagnostic SFP LC MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com