Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5232 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory, Dual 256-Position Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 3 Page - Analog Devices

  AD5232_15 Datasheet HTML 1Page - Analog Devices AD5232_15 Datasheet HTML 2Page - Analog Devices AD5232_15 Datasheet HTML 3Page - Analog Devices AD5232_15 Datasheet HTML 4Page - Analog Devices AD5232_15 Datasheet HTML 5Page - Analog Devices AD5232_15 Datasheet HTML 6Page - Analog Devices AD5232_15 Datasheet HTML 7Page - Analog Devices AD5232_15 Datasheet HTML 8Page - Analog Devices AD5232_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD5232
Rev. C | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—10 kΩ, 50 kΩ, 100 kΩ VERSIONS
VDD = 3 V ± 10% or 5 V ± 10% and VSS = 0 V, VA = +VDD, VB = 0 V, −40°C < TA < +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS,
RHEOSTAT MODE
Specifications apply to all VRs
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = NC
−1
±1/2
+1
LSB
Resistor Nonlinearity2
R-INL
RWB, VA = NC
−0.4
+0.4
% FS
Nominal Resistor Tolerance
∆RAB
−40
+20
%
Resistance Temperature Coefficient
∆RAB/∆T
600
ppm/°C
Wiper Resistance
RW
IW = 100 µA, VDD = 5.5 V, code = 0x1E
50
100
IW = 100 µA, VDD = 3 V, code = 0x1E
200
POTENTIOMETER DIVIDER MODES
Resolution
N
8
Bits
Differential Nonlinearity3
DNL
−1
±1/2
+1
LSB
Integral Nonlinearity3
INL
−0.4
+0.4
% FS
Voltage Divider Temperature
Coefficient
∆VW/ΔT
Code = half scale
15
ppm/°C
Full-Scale Error
VWFSE
Code = full scale
−3
0
% FS
Zero-Scale Error
VWZSE
Code = zero scale
0
3
% FS
RESISTOR TERMINALS
Terminal Voltage Range4
VA, VB, VW
VSS
VDD
V
Capacitance Ax, Bx5
CA, CB
f = 1 MHz, measured to GND, code = half-scale
45
pF
Capacitance Wx5
CW
f = 1 MHz, measured to GND, code = half scale
60
pF
Common-Mode Leakage Current5, 6
ICM
VW = VDD/2
0.01
1
µA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
With respect to GND, VDD = 5 V
2.4
V
Input Logic Low
VIL
With respect to GND, VDD = 5 V
0.8
V
Input Logic High
VIH
With respect to GND, VDD= 3 V
2.1
V
Input Logic Low
VIL
With respect to GND, VDD = 3 V
0.6
V
Input Logic High
VIH
With respect to GND, VDD = +2.5 V, VSS = −2.5 V
2.0
V
Input Logic Low
VIL
With respect to GND, VDD = +2.5 V, VSS = −2.5 V
0.5
V
Output Logic High (SDO and RDY)
VOH
RPULL-UP = 2.2 kΩ to 5 V
4.9
V
Output Logic Low
VOL
IOL = 1.6 mA, VLOGIC = 5 V
0.4
V
Input Current
IIL
VIN = 0 V or VDD
±2.5
µA
Input Capacitance5
CIL
4
pF
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0 V
2.7
5.5
V
Dual-Supply Power Range
VDD/VSS
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND
3.5
10
µA
Programming Mode Current
IDD(PG)
VIH = VDD or VIL = GND
35
mA
Read Mode Current7
IDD(XFR)
VIH = VDD or VIL = GND
0.9
3
9
mA
Negative Supply Current
ISS
VIH = VDD or VIL = GND,
VDD = +2.5 V, VSS = −2.5 V
3.5
10
µA
Power Dissipation8
PDISS
VIH = VDD or VIL = GND
0.018
0.05
mW
Power Supply Sensitivity5
PSS
∆VDD = 5 V ± 10%
0.002
0.01
%/%


Similar Part No. - AD5232_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5232BRU10 AD-AD5232BRU10 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5232BRU10 AD-AD5232BRU10 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5232BRU10 AD-AD5232BRU10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRU10 AD-AD5232BRU10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRU10-REEL7 AD-AD5232BRU10-REEL7 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
More results

Similar Description - AD5232_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com