Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F400B3B150 Datasheet(PDF) 11 Page - Intel Corporation

Part # TE28F400B3B150
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F400B3B150 Datasheet(HTML) 11 Page - Intel Corporation

Back Button TE28F400B3B150 Datasheet HTML 7Page - Intel Corporation TE28F400B3B150 Datasheet HTML 8Page - Intel Corporation TE28F400B3B150 Datasheet HTML 9Page - Intel Corporation TE28F400B3B150 Datasheet HTML 10Page - Intel Corporation TE28F400B3B150 Datasheet HTML 11Page - Intel Corporation TE28F400B3B150 Datasheet HTML 12Page - Intel Corporation TE28F400B3B150 Datasheet HTML 13Page - Intel Corporation TE28F400B3B150 Datasheet HTML 14Page - Intel Corporation TE28F400B3B150 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
E
SMART 3 ADVANCED BOOT BLOCK–WORD-WIDE
11
PRELIMINARY
Table 2. 16-Mbit Smart 3 Advanced Boot Block Pin Descriptions (Continued)
Symbol
Type
Name and Function
VCCQ
INPUT
OUTPUT VCC: Enables all outputs to be driven to 2.0V ±10% while the
VCC is at 2.7V. When this mode is used, the VCC should be regulated to
2.7V–2.85V to achieve lowest power operation (see Section 6.1: DC
Characteristics: VCCQ = 1.8V–2.2V).
This input may be tied directly to VCC (2.7V–3.6V).
See the DC Characteristics for further details.
VCC
DEVICE POWER SUPPLY: 2.7V–3.6V
VPP
PROGRAM/ERASE POWER SUPPLY: For erasing memory array
blocks or programming data in each block, a voltage of either 2.7V–3.6V
or 12V
± 5% must be applied to this pin. When VPP < VPPLK all blocks
are locked and protected against Program and Erase commands.
Applying 11.4V-12.6V to VPP can only be done for a maximum of 1000
cycles on the main blocks and 2500 cycles on the parameter blocks.
VPP may be connected to 12V for a total of 80 hours maximum (see
Section 3.4 for details).
GND
GROUND: For all internal circuitry. All ground inputs must be
connected.
NC
NO CONNECT: Pin may be driven or left floating.
2.2
Block Organization
The
Smart
3
Advanced
Boot
Block
is
an
asymmetrically-blocked architecture that enables
system integration of code and data within a single
flash
device.
Each
block
can
be
erased
independently of the others up to 10,000 times. For
the address locations of each block, see the
memory maps in Figure 5 (top boot blocking) and
Figure 6 (bottom boot blocking).
2.2.1
PARAMETER BLOCKS
The Smart 3 Advanced Boot Block flash memory
architecture includes parameter blocks to facilitate
storage of frequently updated small parameters
(e.g., data that would normally be stored in an
EEPROM). By using software techniques, the word-
rewrite functionality of EEPROMs can be emulated.
Each 4-/8-/16-Mbit device contains eight parameter
blocks of 4-Kwords (4,096-words) each.
2.2.2
MAIN BLOCKS
After the parameter blocks, the remainder of the
array is divided into equal size main blocks for data
or code storage. Each 16-Mbit device contains
thirty-one 32-Kword (32,768-word) blocks. Each
8-Mbit device contains fifteen 32-Kword blocks.
Each 4-Mbit device contains seven 32-Kword
blocks.


Similar Part No. - TE28F400B3B150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F400B3B110 INTEL-TE28F400B3B110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F400B3B110 INTEL-TE28F400B3B110 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
More results

Similar Description - TE28F400B3B150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008B3 INTEL-28F008B3 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Texas Instruments
TMS28F400BZB TI1-TMS28F400BZB Datasheet
409Kb / 29P
[Old version datasheet]   BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com