Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2110BWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-2110BWG
Description  10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2110BWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-2110BWG Datasheet HTML 1Page - Optoway Technology Inc SPS-2110BWG Datasheet HTML 2Page - Optoway Technology Inc SPS-2110BWG Datasheet HTML 3Page - Optoway Technology Inc SPS-2110BWG Datasheet HTML 4Page - Optoway Technology Inc SPS-2110BWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-2110WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2007/12/1 V2.0
1
SPS-2110WG / SPS-2110BWG / SPS-2110AWG
(RoHS Compliant)
10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP+ LC SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Up to 10.5 Gb/s Bi-directional Data Links
l Complaint with SFP+ MSA
l Compliant to IEEE 802.3ae 10GBASE-LR
l Compliant to IEEE 802.3ae 10GBASE-LW
l SFF-8472 Digital Diagnostic Function
l 1310 nm DFB LD Transmitter
l AC/AC Coupling according to MSA
l Distance up to 10 km at SM Fiber
l Single +3.3 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating: SPS-2110WG
l -10 to 85oC Operating: SPS-2110BWG
l -40 to 85oC Operating: SPS-2110AWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l High-speed Storage Area Networks
l Computer Cluster Cross-connect
l Custom High-speed Data Pipes
DESCRIPTION
The SPS-2110WG series single mode transceiver is small
form factor pluggable module for bi-directional serial
optical data communications such as IEEE 802.3ae
10GBASE-LR/LW. It is with the SFP+ 20-pin connector to
allow hot plug capability. Digital diagnostic functions are
available via an I
2C. This module is designed for single
mode fiber and operates at a nominal wavelength of 1310
nm. The transmitter section uses a 1310 nm multiple
quantum well DFB laser and is a class 1 laser compliant
according to International Safety Standard IEC-60825. The
receiver section uses an integrated InGaAs detector
preamplifier (IDP) mounted in an optical header and a
limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
10GBASE
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPS-2110WG
10.3
LR / LW
10
1310 DFB
SFP+ with DMI
0 to 70
Yes
SPS-2110BWG
10.3
LR / LW
10
1310 DFB
SFP+ with DMI
-10 to 85
Yes
SPS-2110AWG
10.3
LR / LW
10
1310 DFB
SFP+ with DMI
-40 to 85
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-2110WG
SPS-2110BWG
SPS-2110AWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-2110WG
oC / SPS-2110BWG
oC / SPS-2110AWG
Power Supply Current
ICC (TX+RX)
260
330
mA
Data Rate
10.3125
10.5
Gb/s


Similar Part No. - SPS-2110BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2110BWG OPTOWAY-SPS-2110BWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110BWG OPTOWAY-SPS-2110BWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2110BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2110BWG OPTOWAY-SPS-2110BWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110AWG OPTOWAY-SPS-2110AWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2102WG OPTOWAY-SPS-2102WG Datasheet
736Kb / 5P
   10 Gb/s / 2 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4110WG OPTOWAY-SPS-4110WG_07 Datasheet
169Kb / 5P
   8.5 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110G OPTOWAY-SPS-2110G Datasheet
171Kb / 5P
   10 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
SPS-4110G OPTOWAY-SPS-4110G Datasheet
171Kb / 5P
   8.5 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
SPS-2120BWG OPTOWAY-SPS-2120BWG Datasheet
188Kb / 5P
   10.3 Gb/s / 20 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2120WG OPTOWAY-SPS-2120WG Datasheet
188Kb / 5P
   10.3 Gb/s / 20 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140WG OPTOWAY-SPS-2140WG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2170WG OPTOWAY-SPS-2170WG Datasheet
168Kb / 5P
   10.3 Gb/s / 70 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com