Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5735M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA5735M
Description  Separately-Excited Step-Down Switching Regulator (Variable Type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5735M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA5735M Datasheet HTML 1Page - Sanyo Semicon Device LA5735M Datasheet HTML 2Page - Sanyo Semicon Device LA5735M Datasheet HTML 3Page - Sanyo Semicon Device LA5735M Datasheet HTML 4Page - Sanyo Semicon Device LA5735M Datasheet HTML 5Page - Sanyo Semicon Device LA5735M Datasheet HTML 6Page - Sanyo Semicon Device LA5735M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LA5735M
No.A0588-3/7
Pin Assignment
Block Diagram
Note : Since the NC pins are not connected within the IC package, they can be used as connection points.
Application Circuit Example
NC
NC
GND
NC
VIN
NC SWOUT VOS
VIN
SWOUT
VOS
GND
+
+
L1
68
µH
C1
470
µF
/50V
R1
R2
C2
100
µF
D1
SBD
LA5735M
C3
1000pF
1
VIN
2
NC
5
NC
7
NC
8
NC
Reg.
OSC
Reset
Drive
OCP
TSD
VREF
Amp.
Comp.
3
SWOUT
4
VOS
6
GND


Similar Part No. - LA5735M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5735M SANYO-LA5735M Datasheet
81Kb / 7P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
logo
ON Semiconductor
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
More results

Similar Description - LA5735M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TN5D01A SANYO-TN5D01A_11 Datasheet
537Kb / 11P
   Separately-Excited Step-Down Switching Regulator (Variable Output Type)
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LA5754MP SANYO-LA5754MP Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5724M SANYO-LA5724M Datasheet
72Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
logo
ON Semiconductor
LA5744 ONSEMI-LA5744 Datasheet
75Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com