Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5251 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5251
Description  Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5251 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5251_15 Datasheet HTML 7Page - Analog Devices AD5251_15 Datasheet HTML 8Page - Analog Devices AD5251_15 Datasheet HTML 9Page - Analog Devices AD5251_15 Datasheet HTML 10Page - Analog Devices AD5251_15 Datasheet HTML 11Page - Analog Devices AD5251_15 Datasheet HTML 12Page - Analog Devices AD5251_15 Datasheet HTML 13Page - Analog Devices AD5251_15 Datasheet HTML 14Page - Analog Devices AD5251_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5251/AD5252
Rev. D | Page 11 of 28
VBIAS (V)
20
0
40
60
80
100
120
140
160
200
240
180
220
1
0
2
34
56
VDD = 2.7V
TA = 25C
VDD = 5.5V
TA = 25C
DATA = 0x00
Figure 9. Wiper Resistance vs. VBIAS
TEMPERATURE (
C)
–6
–4
–2
0
2
4
6
–40
–20
0
20
40
60
80
100
120
Figure 10. Change of RWB vs. Temperature
CODE (Decimal)
0
326496
128
160
10kΩ
100kΩ
50kΩ
192
224
256
VDD =5V
TA = –40°C TO +85°C
VA =VDD
VB =0V
500
550
600
650
700
750
800
850
900
950
1000
Figure 11. AD5252 Rheostat Mode Tempco ∆RWB/∆T vs. Code
CODE (Decimal)
0
20
25
10
5
15
30
35
40
45
50
0
32
64
96
128
160
192
224
256
100kΩ
50kΩ
10kΩ
VDD = 5V
TA = –40°C TO +85°C
VA = VDD
VB = 0V
Figure 12. AD5252 Potentiometer Mode Tempco ∆VWB/∆T vs. Code
–60
–48
–24
–12
0
–36
–54
–30
–18
–6
–42
1k
10k
10
100
100k
1M
10M
FREQUENCY (Hz)
0xFF
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
0x00
Figure 13. AD5252 Gain vs. Frequency vs. Code, RAB = 1 kΩ, TA = 25°C
–60
–48
–24
–12
0
–36
–54
–30
–18
–6
–42
1k
10k
10
100
100k
1M
10M
FREQUENCY (Hz)
0xFF
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
0x00
Figure 14. AD5252 Gain vs. Frequency vs. Code, RAB = 10 kΩ , TA = 25°C


Similar Part No. - AD5251_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
More results

Similar Description - AD5251_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com