Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8088-2 Datasheet(PDF) 6 Page - Intel Corporation

Part # LD8088-2
Description  8-BIT HMOS MICROPROCESSOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LD8088-2 Datasheet(HTML) 6 Page - Intel Corporation

Back Button LD8088-2 Datasheet HTML 2Page - Intel Corporation LD8088-2 Datasheet HTML 3Page - Intel Corporation LD8088-2 Datasheet HTML 4Page - Intel Corporation LD8088-2 Datasheet HTML 5Page - Intel Corporation LD8088-2 Datasheet HTML 6Page - Intel Corporation LD8088-2 Datasheet HTML 7Page - Intel Corporation LD8088-2 Datasheet HTML 8Page - Intel Corporation LD8088-2 Datasheet HTML 9Page - Intel Corporation LD8088-2 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
8088
231456 – 3
Figure 3 Memory Organization
FUNCTIONAL DESCRIPTION
Memory Organization
The processor provides a 20-bit address to memory
which locates the byte being referenced The memo-
ry is organized as a linear array of up to 1 million
bytes addressed as 00000(H) to FFFFF(H) The
memory is logically divided into code data extra
data and stack segments of up to 64K bytes each
with each segment falling on 16-byte boundaries
(See Figure 3)
All memory references are made relative to base ad-
dresses contained in high speed segment registers
The segment types were chosen based on the ad-
dressing needs of programs The segment register
to be selected is automatically chosen according to
the rules of the following table All information in one
segment type share the same logical attributes (eg
code or data) By structuring memory into relocat-
able areas of similar characteristics and by automati-
cally selecting segment registers
programs are
shorter faster and more structured
Word (16-bit) operands can be located on even or
odd address boundaries For address and data oper-
ands the least significant byte of the word is stored
in the lower valued address location and the most
significant byte in the next higher address location
The BIU will automatically execute two fetch or write
cycles for 16-bit operands
Memory
Segment
Segment Selection Rule
Reference Used
Register Used
Instructions
CODE (CS)
Automatic with all instruction prefetch
Stack
STACK (SS)
All stack pushes and pops Memory references
relative to BP base register except data references
Local Data
DATA (DS)
Data references when relative to stack destination
of string operation or explicity overridden
External (Global) Data
EXTRA (ES)
Destination of string operations Explicitly selected
using a segment override
6


Similar Part No. - LD8088-2

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD808-2-TO3 ROITHNER-LD808-2-TO3 Datasheet
242Kb / 2P
   Output Power: 2.0w(CW) Variety of stripe width Efficient quantum well structure
LD808-5-TO3 ROITHNER-LD808-5-TO3 Datasheet
244Kb / 2P
   Output power5.0w(CW) Variety of stripe width Efficient quantum well structure
More results

Similar Description - LD8088-2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M8085AH INTEL-M8085AH Datasheet
1Mb / 8P
   8-BIT HMOS MICROPROCESSOR
8086 INTEL-8086 Datasheet
623Kb / 30P
   16-BIT HMOS MICROPROCESSOR
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
   8-BIT HMOS MICROPROCESSORS
logo
3M Electronics
8085AH 3M-8085AH Datasheet
1Mb / 21P
   8-BIT HMOS MICROPROCESSORS
logo
Intel Corporation
P8748H INTEL-P8748H Datasheet
704Kb / 13P
   HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8085AH SIEMENS-SAB8085AH Datasheet
569Kb / 28P
   8-Bit Microprocessor
logo
Toshiba Semiconductor
TMP8085AP-2 TOSHIBA-TMP8085AP-2 Datasheet
549Kb / 25P
   8-Bit Microprocessor
logo
Intel Corporation
8085A INTEL-8085A Datasheet
542Kb / 11P
   8-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com