Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F004BX-B80 Datasheet(PDF) 10 Page - Intel Corporation

Part # TE28F004BX-B80
Description  4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F004BX-B80 Datasheet(HTML) 10 Page - Intel Corporation

Back Button TE28F004BX-B80 Datasheet HTML 6Page - Intel Corporation TE28F004BX-B80 Datasheet HTML 7Page - Intel Corporation TE28F004BX-B80 Datasheet HTML 8Page - Intel Corporation TE28F004BX-B80 Datasheet HTML 9Page - Intel Corporation TE28F004BX-B80 Datasheet HTML 10Page - Intel Corporation TE28F004BX-B80 Datasheet HTML 11Page - Intel Corporation TE28F004BX-B80 Datasheet HTML 12Page - Intel Corporation TE28F004BX-B80 Datasheet HTML 13Page - Intel Corporation TE28F004BX-B80 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
28F400BX-TB 28F004BX-TB
16 28F004BX Pin Descriptions
Symbol
Type
Name and Function
A0–A18
I
ADDRESS INPUTS
for memory addresses Addresses are internally latched during
a write cycle
A9
I
ADDRESS INPUT
When A9 is at 12V the signature mode is accessed During this
mode A0 decodes between the manufacturer and device ID’s
DQ0–DQ7
IO
DATA INPUTSOUTPUTS
Inputs array data on the second CE
and WE
cycle
during a program command Inputs commands to the command user interface when
CE
and WE
are active Data is internally latched during the write and program
cycles Outputs array Intelligent Identifier and status register data The data pins
float to tri-state when the chip is deselected or the outputs are disabled
CE
I
CHIP ENABLE
Activates the device’s control logic input buffers decoders and
sense amplifiers CE
is active low CE
high deselects the memory device and
reduces power consumption to standby levels If CE
and RP
are high but not at
a CMOS high level the standby current will increase due to current flow through the
CE
and RP
input stages
RP
I
RESETDEEP POWERDOWN
Provides Three-State control Puts the device in
deep power-down mode Locks the Boot Block from programerase
When RP
is at logic high level and equals 65V maximum the Boot Block is locked
and cannot be programmed or erased
When RP
e
114V minimum the Boot Block is unlocked and can be programmed
or erased
When RP
is at a logic low level the Boot Block is locked the deep power-down
mode is enabled and the WSM is reset preventing any blocks from being
programmed or erased therefore providing data protection during power transitions
When RP
transitions from logic low to logic high the flash memory enters the
read-array mode
OE
I
OUTPUT ENABLE
Gates the device’s outputs through the data buffers during a
read cycle OE
is active low
WE
I
WRITE ENABLE
Controls writes to the Command Register and array blocks WE
is active low Addresses and data are latched on the rising edge of the WE
pulse
VPP
PROGRAMERASE POWER SUPPLY
For erasing memory array blocks or
programming data in each block
NOTE
VPP k VPPLMAX memory contents cannot be altered
VCC
DEVICE POWER SUPPLY (5V g10% 5V g5%)
GND
GROUND
For all internal circuitry
NC
NO CONNECT
Pin may be driven or left floating
DU
DON’T USE PIN
Pin should not be connected to anything
10


Similar Part No. - TE28F004BX-B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F004B3B110 INTEL-TE28F004B3B110 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
TE28F004B3B90 INTEL-TE28F004B3B90 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
TE28F004B3T110 INTEL-TE28F004B3T110 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
TE28F004B3T90 INTEL-TE28F004B3T90 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
TE28F004B5B80 INTEL-TE28F004B5B80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
More results

Similar Description - TE28F004BX-B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
A28F400BX-T INTEL-A28F400BX-T Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
logo
Hynix Semiconductor
HY29LV400 HYNIX-HY29LV400 Datasheet
549Kb / 40P
   4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
logo
Intel Corporation
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com