Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSQ0908A-8N1 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # LSQ0908A-8N1
Description  SMD AIR WOUND COIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

LSQ0908A-8N1 Datasheet(HTML) 2 Page - Frontier Electronics.

  LSQ0908A-8N1 Datasheet HTML 1Page - Frontier Electronics. LSQ0908A-8N1 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LSQ0908A Series – SMD AIR WOUND COIL
Rev. A
C. General Information :
1. LSQ0908A-xxx_, “LSQ0908A” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: K: ± 10%, J: ± 5%
3. Test Frequency: 400MHz, 0.1Vrms.
4. Small and lightweight surface mounting type
5. High Q at high frequency
6. High self-resonance frequency
7. Maximum Temperature Rise: 15°C (when measured at 25°C ambient).
8. Inductance & Q measured with HP4291B Impedance Analyzer with HP16193 test fixture
9. SRF measured using the HP8753E Network Analyzer or equivalent.
10. DCR measured using the Chroma 16502 or equivalent.
11. Operating temperature: -40
°C to +125ºC
12. Storage temp. : -40ºC to +85ºC.
13. Inductance and Current Range: From 8.1 nH (4400 mA) to 27.3 nH (4400 mA)
14. SRF: From 3200 MHz to 5200 MHz
15. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios)
6. RF Filters
E. Characteristics curve:
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - LSQ0908A-8N1

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ0707A FRONTIER-LSQ0707A Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ0707A-12N_ FRONTIER-LSQ0707A-12N_ Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ0707A-6N2_ FRONTIER-LSQ0707A-6N2_ Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ0707A-7N2_ FRONTIER-LSQ0707A-7N2_ Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ0707A-8N9_ FRONTIER-LSQ0707A-8N9_ Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
More results

Similar Description - LSQ0908A-8N1

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
293A FRONTIER-293A_15 Datasheet
241Kb / 2P
   SMD AIR WOUND COIL
LSQ0806A FRONTIER-LSQ0806A Datasheet
234Kb / 2P
   SMD AIR WOUND COIL
292AR FRONTIER-292AR Datasheet
221Kb / 2P
   SMD AIR WOUND COIL
LSQ0807A FRONTIER-LSQ0807A Datasheet
249Kb / 2P
   SMD AIR WOUND COIL
291A FRONTIER-291A_15 Datasheet
206Kb / 2P
   SMD AIR WOUND COIL
294A FRONTIER-294A_15 Datasheet
198Kb / 2P
   SMD AIR WOUND COIL
295A FRONTIER-295A Datasheet
454Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
logo
WALSIN TECHNOLOGY CORPO...
WQAC293 WALSIN-WQAC293 Datasheet
261Kb / 7P
   SMD Air Wound Coil Inductors
WQAC294 WALSIN-WQAC294 Datasheet
243Kb / 7P
   SMD Air Wound Coil Inductors
logo
Frontier Electronics.
297A FRONTIER-297A Datasheet
612Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com