Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F400CET120 Datasheet(PDF) 4 Page - Intel Corporation

Part # TE28F400CET120
Description  4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F400CET120 Datasheet(HTML) 4 Page - Intel Corporation

  TE28F400CET120 Datasheet HTML 1Page - Intel Corporation TE28F400CET120 Datasheet HTML 2Page - Intel Corporation TE28F400CET120 Datasheet HTML 3Page - Intel Corporation TE28F400CET120 Datasheet HTML 4Page - Intel Corporation TE28F400CET120 Datasheet HTML 5Page - Intel Corporation TE28F400CET120 Datasheet HTML 6Page - Intel Corporation TE28F400CET120 Datasheet HTML 7Page - Intel Corporation TE28F400CET120 Datasheet HTML 8Page - Intel Corporation TE28F400CET120 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4-MBIT SmartVoltage BOOT BLOCK FAMILY
E
4
PRELIMINARY
REVISION HISTORY
Number
Description
-001
Initial release of datasheet.
-002
Status changed from Product Preview to Preliminary
28F400CV/CE/BE references and information added throughout.
2.7V CE/BE specs added throughout.
The following sections have been changed or rewritten: 1.1, 3.0, 3.2.1, 3.2.2, 3.3.1,
3.3.1.1, 3.3.2, 3.3.2.1, 3.3.3, 3.3.4, 3.6.2.
Note 2 added to Figure 3 to clarify 28F008B pinout vs. 28F008SA.
Sentence about program and erase WSM timeout deleted from Section 3.3.3, 3.3.4.
Erroneous arrows leading out of error states deleted from flowcharts in Figs. 9, 10.
Sections 5.1, 6.1 changed to “Applying VCC Voltages.” These sections completely
changed to clarify VCC ramp requirements.
IPPD 3.3V Commercial spec changed from 10 to 5
µA.
Capacitance tables added after commercial and extended DC Characteristics tables.
Test and slew rate notes added to Figs. 12, 13, 19, 20, 21.
Test configuration drawings (Fig. 14, 22) consolidated into one, with component
values in table. (Component values also rounded off).
tELFL, tELFH, tAVFL changed from 7 to 5 ns for 3.3V BV-60 commercial and 3.3V
TBV-80 extended, 10 to 5 ns for 3.3V BV-80 and BV-120 commercial.
tWHAX and tEHAX changed from 10 to 0 ns.
tPHWL changed from 1000 ns to 800 ns for 3.3V BV-80, BV-120 commercial.
tPHEL changed from 1000 ns to 800 ns for 3.3V BV-60, BV-80, and BV-120 commercial.
-003
28F400BE row removed from Table 1
Applying VCC voltages (Sections 5.1 and 6.1) rewritten for clarity.
Minor cosmetic changes/edits.
-004
Corrections: Spec typographical error “tQWL” corrected to read “tQVVL.”
Intel386™ EX Microprocessor block diagram updated because latest Intel386 CPU
specs require less glue logic.
Spec tELFL and tELFH changed from 5 ns (max) to 0 ns (min).
New specs tPLPH and tPLQX added from Specification Update document (297595).
Specs tEHQZ and tGHQZ improved on most voltage/speed combinations.
-005
Correction: Appendix A, Ordering information fixed order numbers from TE27F400BVT80
to TE28F400BVT80 and TE27F400BVB80 to TE28F400BVB80.
Updated disclaimer.


Similar Part No. - TE28F400CET120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F400CV-B60 INTEL-TE28F400CV-B60 Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F400CV-B80 INTEL-TE28F400CV-B80 Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F400CV-T60 INTEL-TE28F400CV-T60 Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F400CV-T80 INTEL-TE28F400CV-T80 Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - TE28F400CET120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Intel Corporation
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Integrated Silicon Solu...
IS28F400BLV ISSI-IS28F400BLV Datasheet
1Mb / 43P
   262,144 x 16/524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com