Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A80960HT60 Datasheet(PDF) 10 Page - Intel Corporation

Part # A80960HT60
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

A80960HT60 Datasheet(HTML) 10 Page - Intel Corporation

Back Button A80960HT60 Datasheet HTML 6Page - Intel Corporation A80960HT60 Datasheet HTML 7Page - Intel Corporation A80960HT60 Datasheet HTML 8Page - Intel Corporation A80960HT60 Datasheet HTML 9Page - Intel Corporation A80960HT60 Datasheet HTML 10Page - Intel Corporation A80960HT60 Datasheet HTML 11Page - Intel Corporation A80960HT60 Datasheet HTML 12Page - Intel Corporation A80960HT60 Datasheet HTML 13Page - Intel Corporation A80960HT60 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
80960HA/HD/HT
4
Advance Information Datasheet
2.2.6
Dual Programmable Timers
The processor provides two independent 32-bit timers, with four programmable clock rates. The
user configures the timers via the Timer Unit registers. These registers are memory-mapped within
the 80960Hx, addressable on 32-bit boundaries. The timers have a single-shot mode and
auto-reload capabilities for continuous operation. Each timer has an independent interrupt request
to the processor’s interrupt controller.
2.2.7
Processor Self Test
When a system error is detected, the FAIL pin is asserted, a fail code message is driven onto the
address bus, and the processor stops execution at the point of failure. The only way to resume
normal operation is to perform a RESET operation. Because System Error generation can occur
sometime after the bus confidence test and even after initialization during normal processor
operation, the FAIL pin is HIGH (logic “1”) before the detection of a System Error.
The processor uses only one read bus-transaction to signal the fail code message; the address of the
bus transaction is the fail code itself. The fail code is of the form: 0xfeffffnn; bits 6 to 0 contain a
mask recording the possible failures. Bit 7, when set to 1, indicates that the mask contains failures
from the internal Built-In Self-Test (BIST); when 0, the mask indicates other failures.
Ignore reserved bits 0 and 1. Also ignore bits 5 and 6 when bit 7 is clear (=0).
The mask is shown in Table 2 and Table 3.
Table 2.
Fail Codes For BIST (bit 7 = 1)
Bit
When Set:
6
On-chip Data-RAM failure detected by BIST.
5
Internal Microcode ROM failure detected by BIST.
4
Instruction cache failure detected by BIST.
3
Data cache failure detected by BIST.
2
Local-register cache or processor core failure detected by BIST.
1
Reserved. Always zero.
0
Reserved. Always zero.
Table 3.
Remaining Fail Codes (bit 7 = 0)
Bit
When Set:
6
Reserved. Always one.
5
Reserved. Always one.
4
A data structure within the IMI is not aligned to a word boundary.
3
A System Error during normal operation has occurred.
2
The Bus Confidence test has failed.
1
Reserved. Always zero.
0
Reserved. Always zero.


Similar Part No. - A80960HT60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
   80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
A80960JA-16 INTEL-A80960JA-16 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JA-25 INTEL-A80960JA-25 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JA-33 INTEL-A80960JA-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JD INTEL-A80960JD Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
More results

Similar Description - A80960HT60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Freescale Semiconductor...
MC68060RC50 FREESCALE-MC68060RC50 Datasheet
86Kb / 10P
   Superscalar 32-Bit Microprocessors
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
   80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
80960CF-40 INTEL-80960CF-40 Datasheet
1Mb / 77P
   80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
STMicroelectronics
STLS2F01 STMICROELECTRONICS-STLS2F01 Datasheet
679Kb / 48P
   Loongson 2F: High performance 64-bit superscalar MIPS짰 microprocessor
STLS2F02 STMICROELECTRONICS-STLS2F02 Datasheet
725Kb / 49P
   Loongson 2F high performance 64-bit superscalar MIPS짰 microprocessor
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
   High Performance 32-bit processor @ up to 48 MHz
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
   High Performance 32-bit processor up to 48 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com