Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-6110AWG Datasheet(PDF) 6 Page - Optoway Technology Inc

Part # SPS-6110AWG
Description  16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-6110AWG Datasheet(HTML) 6 Page - Optoway Technology Inc

  SPS-6110AWG Datasheet HTML 1Page - Optoway Technology Inc SPS-6110AWG Datasheet HTML 2Page - Optoway Technology Inc SPS-6110AWG Datasheet HTML 3Page - Optoway Technology Inc SPS-6110AWG Datasheet HTML 4Page - Optoway Technology Inc SPS-6110AWG Datasheet HTML 5Page - Optoway Technology Inc SPS-6110AWG Datasheet HTML 6Page - Optoway Technology Inc SPS-6110AWG Datasheet HTML 7Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Optoway
SPS-6110WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2011/7/1 V1.0
6
EEPROM Series ID Memory Contents (Address A2h)
Addr. Hex
Note
Addr. Hex
Note
Addr. Hex
Note
Addr. Hex
Note
0
55
32
4D
64
00
For External Cal.
96
Real Time Temp. MSB
1
00
Temp. High
Alarm (85oC)
33
F1
Rx Power High
Alarm (3dBm)
65
00
For External Cal.
97
Real Time Temp. LSB
2
FB
34
02
66
00
For External Cal.
98
Real Time Vcc MSB
3
00
Temp. Low
Alarm(-5oC)
35
01
Rx Power Low
Alarm (-12.9dBm)
67
00
For External Cal.
99
Real Time Vcc LSB
4
50
36
3D
68
3F
For External Cal. 100
Real Time Tx Bias MSB
5
00
Temp. High
Warming(80oC)
37
E9
Rx Power High
Warming (2dBm)
69
80
For External Cal. 101
Real Time Tx Bias LSB
6
00
38
03
70
00
For External Cal. 102
Real Time Tx Pwr MSB
7
00
Temp. Low
Warming (0oC)
39
2D
Rx Power Low
Warming(-10.9dBm) 71 00 For External Cal. 103
Real Time Tx Pwr LSB
8
8C
40
00
Reserved
72
00
For External Cal. 104
Real Time Rx Pwr MSB
9
A0
Voltage High
Alarm (3.6V)
41
00
Reserved
73
00
For External Cal. 105
Real Time Rx Pwr LSB
10
75
42
00
Reserved
74
00
For External Cal. 106
Reserved
11
30
Voltage Low
Alarm(3.0V)
43
00
Reserved
75
00
For External Cal. 107
Reserved
12
88
44
00
Reserved
76
01
For External Cal. 108
Reserved
13
B8
Voltage High
Warming(3.5V)
45
00
Reserved
77
00
For External Cal. 109
Reserved
14
79
46
00
Reserved
78
00
For External Cal. 110
Tx Dis, Tx Fault, Rx Los
15
18
voltage Low
Warming (3.1V)
47
00
Reserved
79
00
For External Cal. 111
Reserved
16
AF
48
00
Reserved
80
01
For External Cal. 112
Alarm Flag
17
C8
Tx Bias High
Alarm(90mA)
49
00
Reserved
81
00
For External Cal. 113
Alarm Flag/Reserved
18
03
50
00
Reserved
82
00
For External Cal. 114
Reserved
19
E8
Tx BiasLow
Alarm(2mA)
51
00
Reserved
83
00
For External Cal. 115
Reserved
20
9C
52
00
Reserved
84
01
For External Cal. 116
Warming Flag
21
40
Tx Bias High
Warming
(80mA)
53
00
Reserved
85
00
For External Cal. 117
Warming Flag/Reserved
22
07
54
00
Reserved
86
00
For External Cal. 118
Reserved
23
D0
Tx Bias Low
Warming
(4mA)
55
00
Reserved
87
00
For External Cal. 119
Reserved
24
4D
56
00
For External Cal.
88
01
For External Cal. 120
25
F1
Tx Power High
Alarm (3dBm))
57
00
For External Cal.
89
00
For External Cal. 121
26
0C
58
00
For External Cal.
90
00
For External Cal. 122
27
5A
Tx Power Low
Alarm(-5dBm)
59
00
For External Cal.
91
00
For External Cal. 123
28
3D
60
00
For External Cal.
92
00
For External Cal. 124
29
E9
Tx Power High
Warming(2dBm)
61
00
For External Cal.
93
00
For External Cal. 125
30
0F
62
00
For External Cal.
94
00
For External Cal. 126
31
8D
Tx Power Low
Warming (-4dBm)
63
00
For External Cal.
95
Check Sum
127
Vendor Specific
Note: Address 128 – 247: customer R/W eeprom. Address 248 – 255:
Vendor Specific.
Note: Specifications subject to change without notice.


Similar Part No. - SPS-6110AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-6110AWG OPTOWAY-SPS-6110AWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110AWG OPTOWAY-SPS-6110AWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-6110AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-6110BWG OPTOWAY-SPS-6110BWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110AWG OPTOWAY-SPS-6110AWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2811WG OPTOWAY-SPS-2811WG Datasheet
912Kb / 10P
   32G FC / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPS-2810WG OPTOWAY-SPS-2810WG Datasheet
911Kb / 9P
   32G FC / 10 km / 1310 nm Digital Diagnostic SFP28 LC SINGLE-MODE TRANSCEIVER
SPM-6100BWG OPTOWAY-SPM-6100BWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPS-2110BWG OPTOWAY-SPS-2110BWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2110WG OPTOWAY-SPS-2110WG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPS-2110AWG OPTOWAY-SPS-2110AWG Datasheet
188Kb / 5P
   10 Gb/s / 10 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPM-6100AWG OPTOWAY-SPM-6100AWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com