Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5301 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5301
Description  2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301 Datasheet(HTML) 3 Page - Analog Devices

  AD5301_15 Datasheet HTML 1Page - Analog Devices AD5301_15 Datasheet HTML 2Page - Analog Devices AD5301_15 Datasheet HTML 3Page - Analog Devices AD5301_15 Datasheet HTML 4Page - Analog Devices AD5301_15 Datasheet HTML 5Page - Analog Devices AD5301_15 Datasheet HTML 6Page - Analog Devices AD5301_15 Datasheet HTML 7Page - Analog Devices AD5301_15 Datasheet HTML 8Page - Analog Devices AD5301_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 3 of 24
SPECIFICATIONS
VDD = 2.5 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
B Version1
Parameter2
Min
Typ
Max
Unit
Conditions/Comments
DC PERFORMANCE3, 4
AD5301
Resolution
8
Bits
Relative Accuracy
±0.15
±1
LSB
Differential Nonlinearity
±0.02
±0.25
LSB
Guaranteed monotonic by design over all codes.
AD5311
Resolution
10
Bits
Relative Accuracy
±0.5
±4
LSB
Differential Nonlinearity
±0.05
±0.5
LSB
Guaranteed monotonic by design over all codes.
AD5321
Resolution
12
Bits
Relative Accuracy
±2
±16
LSB
Differential Nonlinearity
±0.3
±0.8
LSB
Guaranteed monotonic by design over all codes.
Zero-Code Error
5
20
mV
All zeros loaded to DAC, see Figure 12.
Full-Scale Error
±0.15
±1.25
% of FSR
All ones loaded to DAC, see Figure 12.
Gain Error
±0.15
±1
% of FSR
Zero-Code Error Drift5
–20
μV/°C
Gain Error Drift5
−5
ppm of FSR/°C
OUTPUT CHARACTERISTICS5
Minimum Output Voltage
0.001
V
Maximum Output Voltage
VDD − 0.001
V
This is a measure of the minimum and maximum
drive capability of the output amplifier.
DC Output Impedance
1
Ω
Short-Circuit Current
50
mA
VDD = 5 V.
20
mA
VDD = 3 V.
Power-Up Time
2.5
μs
Coming out of power-down mode. VDD = 5 V.
6
μs
Coming out of power-down mode. VDD = 3 V.
LOGIC INPUTS (A0, A1, PD)5
Input Current
±1
μA
Input Low Voltage, VIL
0.8
V
VDD = 5 V ± 10%.
0.6
V
VDD = 3 V ± 10%.
0.5
V
VDD = 2.5 V.
Input High Voltage, VIH
2.4
V
VDD = 5 V ± 10%.
2.1
V
VDD = 3 V ± 10%.
2.0
V
VDD = 2.5 V.
Pin Capacitance
3
pF
LOGIC INPUTS (SCL, SDA)5
Input High Voltage, VIH
0.7 × VDD
VDD + 0.3
V
Input Low Voltage, VIL
−0.3
+0.3 × VDD
V
Input Leakage Current, IIN
±1
μA
VIN = 0 V to VDD.
Input Hysteresis, VHYST
0.05 × VDD
V
Input Capacitance, CIN
6
pF
Glitch Rejection6
50
ns
Pulse width of spike suppressed.


Similar Part No. - AD5301_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

Similar Description - AD5301_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com