Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC818-25 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BC818-25
Description  For general AF applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BC818-25 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BC818-25 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BC818-25 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
Marking
BC818-16
BC818-25
BC818-40
6E
6F
6G
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
30
V
DCollector-Emitter Voltage
V
CEO
25
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
500
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCB
O
IC= 10μA, IE=0
30
V
Collector-emitter breakdown voltage
VCE
O
IC= 10mA, IB=0
25
V
Emitter-base breakdown voltage
VEB
O
IE= 10μA, IC=0
5
V
Collector cut-off current
ICB
O
VCB= 25 V ,
IE=0
0.1
μA
Emitter cut-off current
IEB
O
VEB= 4V, IC=0
0.1
μA
DC current gain
hFE(1
)
VCE= 1V, IC= 100mA
100
630
hFE(2
)
VCE= 1V, IC= 300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC= 500mA, IB= 50mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= 500mA, IB= 50mA
1.2
V
Base-emitter voltage
VB
E
VCE=1V, IC= 500mA
1.2
V
Collecter capactiance
Cob
VCB=10V ,f=1MHz
6
pF
Transition frequency
f
T
VCE= 5 V, IC= 50Ma
f=100MHz
170
MHz
CLASSIFICATION OF
hFE
Rank
6E
6F
6G
Range
100-250
160-400
250-630
(NPN)
(NPN)
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
BC818-16
BC818-25
BC818-40
MAKO Semiconductor Co., Limited 4008-378-873
http://www.makosemi.hk/


Similar Part No. - BC818-25

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC818-25 SIEMENS-BC818-25 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
GUANGDONG HOTTECH INDUS...
BC818-25 HOTTECH-BC818-25 Datasheet
186Kb / 2P
   Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC818-25 INFINEON-BC818-25 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
GUANGDONG HOTTECH INDUS...
BC818-25 HOTTECH-BC818-25 Datasheet
186Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
BC818-25 DIOTEC-BC818-25 Datasheet
188Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC818-25

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
BC818-25 MAKOSEMI-BC818-25 Datasheet
102Kb / 2P
   For general AF applications
BC818-16 MAKOSEMI-BC818-16 Datasheet
102Kb / 2P
   For general AF applications
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68_11 Datasheet
523Kb / 7P
   For general AF applications
2011-10-06
BCV29 INFINEON-BCV29_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
BCV28 INFINEON-BCV28_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
logo
Sanyo Semicon Device
2SA1252 SANYO-2SA1252 Datasheet
106Kb / 4P
   For AF Applications
logo
Siemens Semiconductor G...
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com