Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5308ARU Datasheet(PDF) 7 Page - Analog Devices

Part # AD5308ARU
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308ARU Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5308ARU Datasheet HTML 3Page - Analog Devices AD5308ARU Datasheet HTML 4Page - Analog Devices AD5308ARU Datasheet HTML 5Page - Analog Devices AD5308ARU Datasheet HTML 6Page - Analog Devices AD5308ARU Datasheet HTML 7Page - Analog Devices AD5308ARU Datasheet HTML 8Page - Analog Devices AD5308ARU Datasheet HTML 9Page - Analog Devices AD5308ARU Datasheet HTML 10Page - Analog Devices AD5308ARU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5308/AD5318/AD5328
Rev. F | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise specified.
Table 4.
Parameter
Rating1
VDD to GND
−0.3 V to +7 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
−0.3 V to VDD + 0.3 V
VOUTA–VOUTD to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (A, B Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ MAX)
150°C
16-Lead TSSOP
Power Dissipation
(TJ MAX − TA)/θJA
θJA Thermal Impedance
150.4°C/W
Lead Temperature
JEDEC industry-standard
Soldering
J-STD-020
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5308ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5308ARU AD-AD5308ARU Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308ARU-REEL7 AD-AD5308ARU-REEL7 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308ARUZ AD-AD5308ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308ARUZ-REEL7 AD-AD5308ARUZ-REEL7 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results

Similar Description - AD5308ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5308 AD-AD5308_11 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com