Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN0C31BH Datasheet(PDF) 9 Page - Intel Corporation

Part # AN0C31BH
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AN0C31BH Datasheet(HTML) 9 Page - Intel Corporation

Back Button AN0C31BH Datasheet HTML 5Page - Intel Corporation AN0C31BH Datasheet HTML 6Page - Intel Corporation AN0C31BH Datasheet HTML 7Page - Intel Corporation AN0C31BH Datasheet HTML 8Page - Intel Corporation AN0C31BH Datasheet HTML 9Page - Intel Corporation AN0C31BH Datasheet HTML 10Page - Intel Corporation AN0C31BH Datasheet HTML 11Page - Intel Corporation AN0C31BH Datasheet HTML 12Page - Intel Corporation AN0C31BH Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AUTOMOTIVE 80C31BH80C51BH87C51
NOTES
(Continued)
4 Pins of Ports 1 2 and 3 source a transition current when they are being externally driven from 1 to 0 The transition
current reaches its maximum value when VIN is approximately 2V
5 ICCMAX at other frequencies is given by
Active Mode 87C51
ICCMAX e 094 c FREQ a 1371
80Cx1BH ICCMAX e 147 c FREQ a 236
Idle Mode
ICCMAX e 014 c FREQ a 381
where FREQ is the external oscillator frequency in MHz ICCMAX is given in mA See Figure 6
6 See Figures 7 through 10 for ICC test conditions Minimum VCC for Power Down is 20V
7 Under steady state (non-transient) conditions IOL must be externally limited as follows
Maximum IOL per port pin
10 mA
Maximum IOL per 8-bit port
Port 0
26 mA
Ports 1 2 and 3
15 mA
Maximum total IOL for all output pins
71 mA
If IOL exceeds the test condition VOL may exceed the related specification Pins are not guaranteed to sink current greater
than the listed test conditions
270419 – 7
Figure 6 ICC vs FREQ Valid only
within frequency specifications of the
device under test
270419 – 8
Figure 7 ICC Test Condition Active Mode
All other pins are disconnected
270419 – 10
Figure 8 ICC Test Condition Idle Mode
All other pins are disconnected
270419 – 11
Figure 9 ICC Test Condition Power Down
Mode All other pins are disconnected
270419 – 9
Figure 10 Clock Signal Waveform for ICC tests in Active and Idle Modes
TCLCH e TCHCL e 5 ns
9


Similar Part No. - AN0C31BH

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0001 RFMD-AN0001 Datasheet
119Kb / 6P
   Optimization of Quadrature Modulator Performance
AN0003 RFMD-AN0003 Datasheet
34Kb / 4P
   A Quick Guide to Tank Circuits
AN0005 RFMD-AN0005 Datasheet
25Kb / 2P
   Converting Field Strength to Power
logo
Analog Intergrations Co...
AN001 AIC-AN001 Datasheet
77Kb / 4P
   Using AIC1628
logo
Rosenberger Hochfrequen...
AN001 ROSENBERGER-AN001 Datasheet
575Kb / 3P
   Calibration Adaptor
More results

Similar Description - AN0C31BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com