Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5334 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5334
Description  2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5334 Datasheet(HTML) 3 Page - Analog Devices

  AD5334_15 Datasheet HTML 1Page - Analog Devices AD5334_15 Datasheet HTML 2Page - Analog Devices AD5334_15 Datasheet HTML 3Page - Analog Devices AD5334_15 Datasheet HTML 4Page - Analog Devices AD5334_15 Datasheet HTML 5Page - Analog Devices AD5334_15 Datasheet HTML 6Page - Analog Devices AD5334_15 Datasheet HTML 7Page - Analog Devices AD5334_15 Datasheet HTML 8Page - Analog Devices AD5334_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD5334/AD5335/AD5336/AD5344
AC CHARACTERISTICS
1
B Version3
Parameter
2
Min
Typ
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VREF = 2 V. See Figure 20
AD5334
6
8
µs
1/4 Scale to 3/4 Scale Change (40 H to C0 H)
AD5335
7
9
µs
1/4 Scale to 3/4 Scale Change (100 H to 300 H)
AD5336
7
9
µs
1/4 Scale to 3/4 Scale Change (100 H to 300 H)
AD5344
8
10
µs
1/4 Scale to 3/4 Scale Change (400 H to C00 H)
Slew Rate
0.7
V/
µs
Major Code Transition Glitch Energy
8
nV-s
1 LSB Change Around Major Carry
Digital Feedthrough
0.5
nV-s
Digital Crosstalk
3
nV-s
Analog Crosstalk
0.5
nV-s
DAC-to-DAC Crosstalk
3.5
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V
± 0.1 V p-p. Unbuffered Mode
Total Harmonic Distortion
–70
dB
VREF = 2.5 V
± 0.1 V p-p. Frequency = 10 kHz
NOTES
1Guaranteed by design and characterization, not production tested.
2See Terminology section.
3Temperature range: B Version: –40
°C to +105°C; typical specifications are at 25°C.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2, 3
Parameter
Limit at TMIN, TMAX
Unit
Condition/Comments
t1
0
ns min
CS to WR Setup Time
t2
0
ns min
CS to WR Hold Time
t3
20
ns min
WR Pulsewidth
t4
5
ns min
Data, GAIN, HBEN Setup Time
t5
4.5
ns min
Data, GAIN, HBEN Hold Time
t6
5
ns min
Synchronous Mode.
WR Falling to LDAC Falling.
t7
5
ns min
Synchronous Mode.
LDAC Falling to WR Rising.
t8
4.5
ns min
Synchronous Mode.
WR Rising to LDAC Rising.
t9
5
ns min
Asynchronous Mode.
LDAC Rising to WR Rising.
t10
4.5
ns min
Asynchronous Mode.
WR Rising to LDAC Falling.
t11
20
ns min
LDAC Pulsewidth
t12
20
ns min
CLR Pulsewidth
t13
50
ns min
Time Between
WR Cycles
t14
20
ns min
A0, A1 Setup Time
t15
0
ns min
A0, A1 Hold Time
NOTES
1Guaranteed by design and characterization, not production tested.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD)
and timed from a voltage level of (VIL + VIH)/2.
3See Figure 1.
Specifications subject to change without notice.
(VDD = 2.5 V to 5.5 V. RL = 2 k
to GND; CL = 200 pF to GND. All specifications TMIN to TMAX unless other-
wise noted.)
t15
t14
t8
CS
WR
DATA,
GAIN,
HBEN
LDAC1
LDAC2
CLR
NOTES:
1 SYNCHRONOUS LDAC UPDATE MODE
2 ASYNCHRONOUS LDAC UPDATE MODE
A0,
A1
t1
t2
t5
t3
t13
t4
t7
t6
t9
t10
t11
t12
Figure 1. Parallel Interface Timing Diagram
(VDD = 2.5 V to 5.5 V, All specifications TMIN to TMAX unless otherwise noted.)


Similar Part No. - AD5334_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5334BRU AD-AD5334BRU Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334BRU AD-AD5334BRU Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334BRU AD-AD5334BRU Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com