Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BN7C51BH Datasheet(PDF) 6 Page - Intel Corporation

Part # BN7C51BH
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN7C51BH Datasheet(HTML) 6 Page - Intel Corporation

Back Button BN7C51BH Datasheet HTML 2Page - Intel Corporation BN7C51BH Datasheet HTML 3Page - Intel Corporation BN7C51BH Datasheet HTML 4Page - Intel Corporation BN7C51BH Datasheet HTML 5Page - Intel Corporation BN7C51BH Datasheet HTML 6Page - Intel Corporation BN7C51BH Datasheet HTML 7Page - Intel Corporation BN7C51BH Datasheet HTML 8Page - Intel Corporation BN7C51BH Datasheet HTML 9Page - Intel Corporation BN7C51BH Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AUTOMOTIVE 80C31BH80C51BH87C51
Table 2 Status of the External Pins During Idle and Power Down
Mode
Program
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Memory
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
0
0
Float
Data
Data
Data
NOTE
For more detailed information on the reduced power modes refer to current Embedded Applications Handbook and Applica-
tion Note AP-252 ‘‘Designing with the 80C51BH’’
internal RAM in this event but access to the port
pins is not inhibited To eliminate the possibility of an
unexpected write to a port pin when Idle is terminat-
ed by reset the instruction following the one that
invokes Idle should not be one that writes to a port
pin or to external memory
POWER DOWN MODE
In the Power Down mode the oscillator is stopped
and the instruction that invokes Power Down is the
last instruction executed The on-chip RAM and
Special Function Registers retain their values until
the Power Down mode is terminated
The only exit from Power Down is a hardware reset
Reset redefines the SFRs but does not change the
on-chip RAM The reset should not be activated be-
fore VCC is restored to its normal operating level and
must be held active long enough to allow the oscilla-
tor to restart and stabilize
DESIGN CONSIDERATIONS
 At power on the voltage on VCC and RST must
come up at the same time for a proper start-up
 Before entering the Power Down mode the con-
tents of the Carry Bit and B7 must be equal
 When the Idle mode is terminated by a hardware
reset the device normally resumes program exe-
cution from where it left off up to two machine
cycles before the internal reset algorithm takes
control On-chip hardware inhibits access to inter-
nal RAM in this event but access to the port pins
in not inhibited To eliminate the possibility of an
unexpected write when Idle is terminated by re-
set the instruction following the one that invokes
Idle should not be one that writes to a port pin or
to external memory
 An external oscillator may encounter as much as
a 100 pF load at XTAL1 when it starts up This is
due to interaction between the amplifier and its
feedback capacitance Once the external signal
meets the VIL and VIH specifications the capaci-
tance will not exceed 20 pF
 For EPROM versions exposure to light when the
device is in operation may cause logic errors For
this reason it is suggested that an opaque label
be placed over the window when the die is ex-
posed to ambient light
6


Similar Part No. - BN7C51BH

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BN700MC SCHNEIDER-BN700MC Datasheet
103Kb / 2P
   APC Power-Saving Back-UPS NS, 8 Outlet 700VA 120V, Retail
logo
IDEC Corporation
BN75W IDEC-BN75W Datasheet
1Mb / 4P
   Terminal Blocks
More results

Similar Description - BN7C51BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com