Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5370 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5370
Description  40-Channel,16-Bit, Serial Input, Voltage Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5370_15 Datasheet HTML 2Page - Analog Devices AD5370_15 Datasheet HTML 3Page - Analog Devices AD5370_15 Datasheet HTML 4Page - Analog Devices AD5370_15 Datasheet HTML 5Page - Analog Devices AD5370_15 Datasheet HTML 6Page - Analog Devices AD5370_15 Datasheet HTML 7Page - Analog Devices AD5370_15 Datasheet HTML 8Page - Analog Devices AD5370_15 Datasheet HTML 9Page - Analog Devices AD5370_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AD5370
Rev. 0 | Page 5 of 28
Parameter
Min
Type
Max
Unit
Test Conditions/Comments1
POWER REQUIREMENTS
DVCC
2.5
5.5
V
VDD
9
16.5
V
VSS
−16.5
−4.5
V
Power Supply Sensitivity2
∆Full Scale/∆VDD
−75
dB
∆Full Scale/∆VSS
−75
dB
∆Full Scale/∆DVCC
−90
dB
DICC
2
mA
DVCC = 5.5 V, VIH = DVCC, VIL = GND; normal
operating conditions
IDD
18
mA
Outputs unloaded, DAC outputs = 0 V
20
mA
Outputs unloaded, DAC outputs = full scale
ISS
−18
mA
Outputs unloaded, DAC outputs = 0 V
−20
mA
Outputs unloaded, DAC outputs = full scale
Power Dissipation Unloaded (P)
280
mW
VSS = −8 V, VDD = +9.5 V, DVCC = 2.5 V
Power-Down Mode
Control register power-down bit set
DICC
5
μA
IDD
35
μA
ISS
−35
μA
Junction Temperature3
130
°C
TJ = TA + PTOTAL × θJA
1 Temperature range for the AD5370 is −40°C to +85°C. Typical specifications are at 25°C.
2 Guaranteed by design and characterization, not production tested.
3 Where θJA represents the package thermal impedance.
AC CHARACTERISTICS
DVCC = 2.5 V; VDD = 15 V; VSS = −15 V; VREF0 = VREF1 = 3 V; AGND = DGND = SIGGND = 0 V; CL = 200 pF; RL = 10 kΩ; gain (M),
offset (C), and DAC offset registers at default values; all specifications TMIN to TMAX, unless otherwise noted.
Table 3. AC Characteristics1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
20
μs
Settling to 1 LSB from a full-scale change
30
μs
DAC latch contents alternately loaded with all 0s and all 1s
Slew Rate
1
V/μs
Digital-to-Analog Glitch Energy
5
nV-s
Glitch Impulse Peak Amplitude
10
mV
Channel-to-Channel Isolation
100
dB
VREF0 = VREF1 = 2 V p-p, 1 kHz
DAC-to-DAC Crosstalk
20
nV-s
Digital Crosstalk
0.2
nV-s
Digital Feedthrough
0.02
nV-s
Effect of input bus activity on DAC output under test
Output Noise Spectral Density @ 10 kHz
250
nV/√Hz
VREF0 = VREF1 = 0 V
1 Guaranteed by design and characterization, not production tested.


Similar Part No. - AD5370_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5370BCPZ AD-AD5370BCPZ Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
AD5370BSTZ AD-AD5370BSTZ Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
More results

Similar Description - AD5370_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5541A AD-AD5541A_18 Datasheet
435Kb / 20P
   Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com