Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A10204 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # A10204
Description  GPS antenna designed for embedded applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A10204 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button A10204 Datasheet HTML 4Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 5Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 6Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 7Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 8Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 9Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 10Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 11Page - List of Unclassifed Manufacturers A10204 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Brevis GPS SMD Antenna
Part No. A10204
Integrated Antenna and RF Solutions
9
Product Specification 09MD-0019-2-PS
11 Soldering
This antenna is suitable for lead free soldering.
The reflow profile should be adjusted to suit the PCBA, oven and solder paste, while
observing the following conditions:
-
The maximum temperature should not exceed 240 ºC
-
However for lead free soldering, a maximum temperature of 255 ºC for no more than
20 seconds is permitted.
-
The antenna should not be exposed to temperatures exceeding 120 ºC more than 3
times during the soldering process.
12 Hazardous material regulation conformance
The antenna has been tested to conform to RoHS requirements. A certificate of
conformance is available from Antenova’s website.
13 Packaging
13-1 Optimal storage conditions for packaged reels
Temperature
-10ºC to 40ºC
Humidity
Less than 75% RH
Shelf Life
18 Months
Storage place
Away from corrosive gas and direct sunlight
Packaging
Reels should be stored in unopened sealed
manufacturer’s plastic packaging.
Note: Storage of open reels of antennas is not recommended due to possible oxidization of pads
on antennas. If short term storage is necessary, then it is highly recommended that the bag
containing the antenna reel is re-sealed and stored in like storage conditions as in above table.


Similar Part No. - A10204

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
A10204M TRIPPLITE-A10204M Datasheet
469Kb / 2P
   Toslink Digital Optical SPDIF Audio Cable, 4M (13-ft.)
More results

Similar Description - A10204

ManufacturerPart #DatasheetDescription
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
   CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
logo
TE Connectivity Ltd
956-510-5XX TEC-956-510-5XX Datasheet
315Kb / 2P
   GPS Embedded Antenna
logo
Murata Manufacturing Co...
SF1131B MURATA-SF1131B Datasheet
235Kb / 3P
   Designed for GPS Applications
logo
Tallysman Wireless Inc.
TW1010 TALLYSMAN-TW1010 Datasheet
196Kb / 2P
   Embedded GPS L1 Antenna
TW1320 TALLYSMAN-TW1320 Datasheet
279Kb / 2P
   Embedded GPS/GLONASS Antenna
logo
Murata Manufacturing Co...
SF1186G MURATA-SF1186G Datasheet
868Kb / 6P
   Designed for Front End GPS Applications
logo
Maxtena Inc.
MIA-GPS-15-C MAXTENA-MIA-GPS-15-C Datasheet
1Mb / 3P
   EMBEDDED ACTIVE GPS MICROSTRIP ANTENNA
REV A
MPA-1516 MAXTENA-MPA-1516 Datasheet
206Kb / 1P
   GPS/GLONASS PASSIVE EMBEDDED ANTENNA
MIA-GPS-12-C MAXTENA-MIA-GPS-12-C Datasheet
1Mb / 3P
   Embedded GPS Active Antenna ??12mm
REV A
MIA-GPS-18-C MAXTENA-MIA-GPS-18-C Datasheet
1Mb / 3P
   Embedded GPS Active Antenna ??18mm
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com