Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5384 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit denseDAC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 3 Page - Analog Devices

  AD5384_15 Datasheet HTML 1Page - Analog Devices AD5384_15 Datasheet HTML 2Page - Analog Devices AD5384_15 Datasheet HTML 3Page - Analog Devices AD5384_15 Datasheet HTML 4Page - Analog Devices AD5384_15 Datasheet HTML 5Page - Analog Devices AD5384_15 Datasheet HTML 6Page - Analog Devices AD5384_15 Datasheet HTML 7Page - Analog Devices AD5384_15 Datasheet HTML 8Page - Analog Devices AD5384_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Data Sheet
AD5384
GENERAL DESCRIPTION
The AD5384 is a complete single-supply, 40-channel, 14-bit
digital-to-analog converter (DAC) available in a 100-ball
CSP_BGA package. All 40 channels have an on-chip output
amplifier with rail-to-rail operation. The AD5384 includes an
internal 1.25 V/2.5 V, 10 ppm/°C reference, an on-chip channel
monitor function that multiplexes the analog outputs to a common
MON_OUT pin for external monitoring, and an output amplifier
boost mode that allows the amplifier slew rate to be optimized.
The AD5384 contains a serial interface compatible with SPI,
QSPI, MICROWIRE, and DSP interface standards with
interface speeds in excess of 30 MHz and an I2C-compatible
interface supporting 400 kHz data transfer rate. An input
register followed by a DAC register provides double buffering,
allowing the DAC outputs to be updated independently or
simultaneously, using the LDAC input. Each channel has a
programmable gain and offset adjust register letting the user
fully calibrate any DAC channel. Power consumption is
typically 0.25 mA per channel with boost mode off.
Rev. C | Page 3 of 33


Similar Part No. - AD5384_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5384BBC-3 AD-AD5384BBC-3 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5384BBC-3REEL7 AD-AD5384BBC-3REEL7 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5384BBC-5 AD-AD5384BBC-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
More results

Similar Description - AD5384_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5381 AD-AD5381_15 Datasheet
805Kb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
Rev. E
AD5382 AD-AD5382_15 Datasheet
872Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit denseDAC
REV. D
AD5381BSTZ-5 AD-AD5381BSTZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com