Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP87C51FC Datasheet(PDF) 8 Page - Intel Corporation

Part # AP87C51FC
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AP87C51FC Datasheet(HTML) 8 Page - Intel Corporation

Back Button AP87C51FC Datasheet HTML 4Page - Intel Corporation AP87C51FC Datasheet HTML 5Page - Intel Corporation AP87C51FC Datasheet HTML 6Page - Intel Corporation AP87C51FC Datasheet HTML 7Page - Intel Corporation AP87C51FC Datasheet HTML 8Page - Intel Corporation AP87C51FC Datasheet HTML 9Page - Intel Corporation AP87C51FC Datasheet HTML 10Page - Intel Corporation AP87C51FC Datasheet HTML 11Page - Intel Corporation AP87C51FC Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias b40 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Voltage on EAVPP Pin to VSS
0V to a130V
Voltage on Any Other Pin to VSS
b
05V to a65V
IOL Per IO Pin
15 mA
Power Dissipation15W
(Based on package heat transfer limitations not
device power consumption)
Typical Junction Temperature
a
135 C
(Based on ambient temperature at a125 C)
Typical Thermal Resistance Junction-to-Ambient
(iJA)
PDIP
45 CW
PLCC
46 CW
NOTICE This data sheet contains information on
products in the sampling and initial production phases
of development The specifications are subject to
change without notice Verify with your local Intel
Sales office that you have the latest data sheet be-
fore finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
ADVANCED INFORMATIONCONTACT INTEL FOR DESIGN-IN INFORMATION
DC CHARACTERISTICS (TA eb40 Cto a125 C VCC e 5V g 20% VSS e 0V)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
(Note 4)
VIL
Input Low Voltage
b
05
02 VCC b 01
V
VIL1
Input Low Voltage EA
0
02 VCC b 03
V
VIH
Input High Voltage
02 VCC a 09
VCC a 05
V
(Except XTAL1 RST EA)
VIH1
Input High Voltage (XTAL1 RST)
07 VCC
VCC a 05
V
VOL
Output Low Voltage (Note 5)
03
V
IOL e 100 mA (Note 1)
(Ports 1 2 and 3)
045
V
IOL e 16 mA (Note 1)
10
V
IOL e 35 mA (Note 1)
VOL1
Output Low Voltage (Note 5)
03
V
IOL e 200 mA (Note 1)
(Port 0 ALE PSEN)
045
V
IOL e 32 mA (Note 1)
10
V
IOL e 70 mA (Note 1)
VOH
Output High Voltage
VCC b 03
V
IOH eb10 mA
(Ports 1 2 and 3)
VCC b 07
V
IOH eb30 mA
VCC b 15
V
IOH eb60 mA
VOH1
Output High Voltage
VCC b 03
V
IOH eb200 mA
(Port 0 in External Bus Mode
VCC b 07
V
IOH eb32 mA
ALE PSEN)
VCC b 15
V
IOH eb70 mA
IIL
Logical 0 Input Current
b
75
m
AVIN e 045V
(Ports 1 2 and 3)
ILI1
Input Leakage Current (Port 0)
g
10
m
A 045V k VIN k VCC
ITL
Logical 1 to 0 Transition Current
b
750
m
AVIN e 2V
(Ports 1 2 and 3)
RRST
RST Pulldown Resistor
40
225
KX
CIO
Pin Capacitance
10
pF
1 MHz 25 C
ICC
Power Supply Current
(Note 3)
Running at 1620 MHz (Figure 6)
2628
3540
mA
Idle Mode at 1620 MHz (Figure 6)
5
1214
mA
Power Down Mode
15
100
m
A
8


Similar Part No. - AP87C51FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AP87C54 INTEL-AP87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
AP87C54-20 INTEL-AP87C54-20 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
More results

Similar Description - AP87C51FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com