Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BN87C51FC Datasheet(PDF) 3 Page - Intel Corporation

Part # BN87C51FC
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C51FC Datasheet(HTML) 3 Page - Intel Corporation

  BN87C51FC Datasheet HTML 1Page - Intel Corporation BN87C51FC Datasheet HTML 2Page - Intel Corporation BN87C51FC Datasheet HTML 3Page - Intel Corporation BN87C51FC Datasheet HTML 4Page - Intel Corporation BN87C51FC Datasheet HTML 5Page - Intel Corporation BN87C51FC Datasheet HTML 6Page - Intel Corporation BN87C51FC Datasheet HTML 7Page - Intel Corporation BN87C51FC Datasheet HTML 8Page - Intel Corporation BN87C51FC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
range of b40 Cto a85 C ambient For the automo-
tive temperature range option operational charac-
teristics are guaranteed over the temperature range
of b40 Cto a125 C ambient The automotive ex-
tended and commercial temperature versions of the
MCS-51 product families are available with or with-
out burn-in options
As shown in Figure 2 temperature burn-in and
package options are identified by a one- or two-letter
prefix to the part number
PIN DESCRIPTIONS
VCC Supply voltage
VSS Circuit ground
VSS1 Secondary ground (in PLCC only) Provided to
reduce ground bounce and improve power supply
by-passing
NOTE
This pin is NOT a substitute for VSS pin (pin 22)
Port 0
Port 0 is an 8-bit open drain bidirectional
IO port As an output port each pin can sink several
LS TTL inputs Port 0 pins that have 1’s written to
them float and in that state can be used as high-im-
pedance inputs
270961 – 2
Example
AN87C51FAFBFC indicates an automotive temperature range version of the 87C51FAFBFC in a PLCC package
with 16 Kbyte32 Kbyte EPROM program memory
Figure 2 Package Options
Table 1 Temperature Options
Temperature
Temperature
Operating
Burn-In
Classification
Designation
Temperature
Options
C Ambient
Extended
T
b
40 to a85
Standard
L
b
40 to a85
Extended
Automotive
A
b
40 to a125
Standard
B
b
40 to a125
Extended
3


Similar Part No. - BN87C51FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C54 INTEL-BN87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
BN87C54-20 INTEL-BN87C54-20 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
More results

Similar Description - BN87C51FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com