Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BN87C51FC Datasheet(PDF) 7 Page - Intel Corporation

Part # BN87C51FC
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BN87C51FC Datasheet(HTML) 7 Page - Intel Corporation

Back Button BN87C51FC Datasheet HTML 3Page - Intel Corporation BN87C51FC Datasheet HTML 4Page - Intel Corporation BN87C51FC Datasheet HTML 5Page - Intel Corporation BN87C51FC Datasheet HTML 6Page - Intel Corporation BN87C51FC Datasheet HTML 7Page - Intel Corporation BN87C51FC Datasheet HTML 8Page - Intel Corporation BN87C51FC Datasheet HTML 9Page - Intel Corporation BN87C51FC Datasheet HTML 10Page - Intel Corporation BN87C51FC Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
DESIGN CONSIDERATION
When the Idle mode is terminated by a hardware
reset the device normally resumes program execu-
tion from where it left off up to two machine cycles
before the internal reset algorithm takes control On-
chip hardware inhibits access to internal RAM in this
event but access to the port pins is not inhibited To
eliminate the possibility of an unexpected write when
Idle is terminated by reset the instruction following
the one that invokes Idle should not be one that
writes to a port pin or to external memory
ONCE MODE
The ONCE (‘‘On-Circuit Emulation’’) Mode facilitates
testing
and
debugging
of
systems
using
the
87C51FAFBFC without removing it from the cir-
cuit The ONCE Mode is invoked by
1 Pull ALE low while the device is in reset and
PSEN is high
2 Hold ALE low as RST is deactivated
While the device is in ONCE Mode the Port 0 pins
float and the other port pins and ALE and PSEN are
weakly pulled high The oscillator circuit remains ac-
tive While the 87C51FAFBFC is in this mode an
emulator or test CPU can be used to drive the circuit
Normal operation is restored when a normal reset is
applied
RFI REDUCTION MODE
The RFI reduction feature can be used only if exter-
nal program memory is not required since this mode
disables the ALE pin during instruction code fetches
By writing a logical one to the LSB of the Auxiliary
Register (address 08EH) the ALE is disabled for in-
struction code fetches and the output is weakly held
high When a logical zero is written the ALE pin is
enabled allowing it to generate the Address Latch
Enable signal This bit is cleared by reset Once dis-
abled ALE remains disabled until it is reset by soft-
ware or until a hardware reset occurs
Table 2 Status of the External Pins during Idle and Power Down
Mode
Program
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Memory
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
0
0
Float
Data
Data
Data
NOTE
For more detailed information on the reduced power modes refer to current Embedded Applications Handbook and Applica-
tion Note AP-252 ‘‘Designing with the 80C51BH’’
7


Similar Part No. - BN87C51FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BN87C54 INTEL-BN87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
BN87C54-20 INTEL-BN87C54-20 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
More results

Similar Description - BN87C51FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com