Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP87C51FC-20 Datasheet(PDF) 5 Page - Intel Corporation

Part # BP87C51FC-20
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

BP87C51FC-20 Datasheet(HTML) 5 Page - Intel Corporation

  BP87C51FC-20 Datasheet HTML 1Page - Intel Corporation BP87C51FC-20 Datasheet HTML 2Page - Intel Corporation BP87C51FC-20 Datasheet HTML 3Page - Intel Corporation BP87C51FC-20 Datasheet HTML 4Page - Intel Corporation BP87C51FC-20 Datasheet HTML 5Page - Intel Corporation BP87C51FC-20 Datasheet HTML 6Page - Intel Corporation BP87C51FC-20 Datasheet HTML 7Page - Intel Corporation BP87C51FC-20 Datasheet HTML 8Page - Intel Corporation BP87C51FC-20 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AUTOMOTIVE 87C51FAFBFCFC-20
Port 2 emits the high-order address byte during
fetches from external Program Memory and during
accesses to external Data Memory that use 16-bit
addresses (MOVX
DPTR) In this application it
uses strong internal pullups when emitting 1’s Dur-
ing accesses to external Data Memory that use 8-bit
addresses (MOVX
Ri) Port 2 emits the contents
of the P2 Special Function Register
Some Port 2 pins receive the high-order address bits
during EPROM programming and program verifica-
tion
Port 3
Port 3 is an 8-bit bidirectional IO port with
internal pullups The Port 3 output buffers can drive
LS TTL inputs Port 3 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 3
pins that are externally pulled low will source current
(IIL on the data sheet) because of the pullups
Port 3 also serves the functions of various special
features of the MCS-51 Family as listed below
Port Pin
Alternate Function
P30
RXD (serial input port)
P31
TXD (serial output port)
P32
INT0 (external interrupt 0)
P33
INT1 (external interrupt 1)
P34
T0 (Timer 0 external input)
P35
T1 (Timer 1 external input)
P36
WR (external data memory write strobe)
P37
RD (external data memory read strobe)
RST
Reset input A high on this pin for two machine
cycles while the oscillator is running resets the de-
vice The port pins will be driven to their reset condi-
tion when a minimum VIH1 is applied whether the
oscillator is running or not An internal pulldown re-
sistor permits a power-on reset with only a capacitor
connected to VCC
ALEPROG
Address Latch Enable output pulse for
latching the low byte of the address during accesses
to external memory This pin (ALEPROG) is also
the program pulse input during EPROM program-
ming for the 87C51FAFBFC
In normal operation ALE is emitted at a constant
rate of
the oscillator frequency and may be used
for external timing or clocking purposes Note how-
ever that one ALE pulse is skipped during each ac-
cess to external Data Memory
Throughout the remainder of this data sheet ALE
will refer to the signal coming out of the ALEPROG
pin and the pin will be referred to as the ALEPROG
pin
PSEN
Program Store Enable is the read strobe to
external Program Memory
When the 87C51FAFBFC is executing code from
external Program Memory PSEN is activated twice
each machine cycle except that two PSEN activa-
tions are skipped during each access to external
Data Memory
EA VPP External Access enable EA must be
strapped to VSS in order to enable the device to
fetch code from external Program Memory locations
0000H to 0FFFFH Note however that if either of
the Program Lock bits are programmed EA will be
internally latched on reset
EA should be strapped to VCC for internal program
executions
This pin also receives the programming supply volt-
age (VPP) during EPROM programming
XTAL1
Input to the inverting oscillator amplifier
XTAL2
Output from the inverting oscillator amplifier
OSCILLATOR CHARACTERISTICS
XTAL1 and XTAL2 are the input and output respec-
tively of an inverting amplifier which can be config-
ured for use as an on-chip oscillator as shown in
Figure 4 Either a quartz crystal or ceramic resonator
may be used More detailed information concerning
the use of the on-chip oscillator is available in Appli-
cation Note AP-155 ‘‘Oscillators for Microcontrol-
lers’’ and in Application Note AP-486
‘‘Oscillator
Design for Microcontrollers’’
5


Similar Part No. - BP87C51FC-20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
BP87C54 INTEL-BP87C54 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
BP87C54-20 INTEL-BP87C54-20 Datasheet
290Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
More results

Similar Description - BP87C51FC-20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com