Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB223-25 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # CB223-25
Description  Automotive Circuit Breakers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CB223-25 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  CB223-25 Datasheet HTML 1Page - Cooper Bussmann, Inc. CB223-25 Datasheet HTML 2Page - Cooper Bussmann, Inc. CB223-25 Datasheet HTML 3Page - Cooper Bussmann, Inc. CB223-25 Datasheet HTML 4Page - Cooper Bussmann, Inc. CB223-25 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Automotive Circuit Breakers
For product information and Data Sheets, visit www.cooperbussmann.com
15
December 11, 2008
Consumer Aftermarket Catalog
Part No. (Amps)
CB181F-60
CB181F-110
CB181F-70
CB181F-120
CB181F-80
CB181F-135
CB181F-90
CB181F-150
CB181F-100
Part No. (Amps)
CB184F-25
CB184F-80
CB184F-30
CB184F-90
CB184F-35
CB184F-100
CB184F-40
CB184F-110
CB184F-50
CB184F-120
CB184F-60
CB184F-135
CB184F-70
CB184F-150
Part No. (Amps)
Blister Pack
CB185-25
CB185-30
CB185-35
CB185-40
CB185-50
X
CB185-60
CB185-70
X
CB185-80
X
CB185-90
CB185-100
X
CB185-110
CB185-120
X
CB185-135
X
CB185-150
X
Part No. (Amps)
CB185P-25
CB185P-80
CB185P-30
CB185P-90
CB185P-35
CB185P-100
CB185P-40
CB185P-110
CB185P-50
CB185P-120
CB185P-60
CB185P-135
CB185P-70
CB185P-150
CB181F Type I High Amp Waterproof Circuit Breakers with SEMS
Nut Installed
CB184F Type III High Amp Waterproof Manual Reset Circuit
Breakers with SEMS Nut Installed
CB185 Type III High Amp Switchable, Waterproof, Flush-Mount
Manual Reset Circuit Breakers with SEMS Nut Installed
CB185P Type III High Amp Switchable, Panel Mount Manual
Reset Circuit Breakers with SEMS Nut Installed
High Amp Circuit Breakers
These high amp circuit breakers are typically used in auxiliary and
accessory circuits for trucks, buses, RVs and marine applications. All high
amp circuit breakers comply with the SAE J1117 standard for ignition
protection and have applications in battery charger systems and DC audio
systems. Offered in flush-mount or panel-mount (see chart for amps
available).
Part No. (Amps)
CB187P-25
CB187P-80
CB187P-30
CB187P-90
CB187P-35
CB187P-100
CB187P-40
CB187P-110
CB187P-50
CB187P-120
CB187P-60
CB187P-135
CB187P-70
CB187P-150
CB187P Type III Marine-Rated Panel-Mount Manual Reset Circuit
Breaker with Switch Function
Marine-Rated Circuit Breakers
Specifically designed to meet the needs of marine applications, the CB187F
and CB187P offer 5kA interrupting ratings and ignition protection per ABYC
E-11. Usable as an ON/OFF switch (capable of withstanding 3000 on/off
cycles @48Vdc), they have corrosion resistant plating on 5/16-18 copper
terminals.
CB187F Type III Marine-Rated Surface-Mount Manual Reset
Circuit Breaker with Switch Function
Part No. (Amps)
CB187F-25
CB187F-80
CB187F-30
CB187F-90
CB187F-35
CB187F-100
CB187F-40
CB187F-110
CB187F-50
CB187F-120
CB187F-60
CB187F-135
CB187F-70
CB187F-150
CB251 Type I Ignition Protected Weatherproof Panel-Mount
Manual Reset Circuit Breaker, 32Vdc
Part No. (Amps)
CB255-10
CB255-30
CB255-15
CB255-35
CB255-20
CB255-40
CB255-25
CB255-50
CB255 Type III Ignition Protected Weatherproof Panel-Mount
Manual Reset Circuit Breaker with “Push-to-Trip” Option, 32Vdc
Part No. (Amps)
CB251-10
CB251-30
CB251-15
CB251-35
CB251-20
CB251-40
CB251-25
CB251-50


Similar Part No. - CB223-25

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
CB2269CP LITEON-CB2269CP Datasheet
254Kb / 12P
   Current Mode PWM Controller
logo
List of Unclassifed Man...
CB2269CP ETC2-CB2269CP Datasheet
359Kb / 1P
   Current Mode PWM Controller
More results

Similar Description - CB223-25

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com