Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC51SL Datasheet(PDF) 7 Page - Intel Corporation

Part # 8XC51SL
Description  LOW VOLTAGE 8XC51SL KEYBOARD CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC51SL Datasheet(HTML) 7 Page - Intel Corporation

Back Button 8XC51SL Datasheet HTML 3Page - Intel Corporation 8XC51SL Datasheet HTML 4Page - Intel Corporation 8XC51SL Datasheet HTML 5Page - Intel Corporation 8XC51SL Datasheet HTML 6Page - Intel Corporation 8XC51SL Datasheet HTML 7Page - Intel Corporation 8XC51SL Datasheet HTML 8Page - Intel Corporation 8XC51SL Datasheet HTML 9Page - Intel Corporation 8XC51SL Datasheet HTML 10Page - Intel Corporation 8XC51SL Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
8XC51SLLOW VOLTAGE 8XC51SL
8XC51SLLOW VOLTAGE 8XC51SL PIN CHARACTERISTICS (Continued)
Table 2 Pin Characteristics
(Continued)
Pin No
Pin Name
Type
Term
Reset
PD Mode
38
VSS
39
VSS
40
ADB0
IO
TRI
TRI
41
ADB1
IO
TRI
TRI
42
ADB2
IO
TRI
TRI
43
ADB3
IO
TRI
TRI
44
ADB4
IO
TRI
TRI
45
ADB5
IO
TRI
TRI
46
ADB6
IO
TRI
TRI
47
ADB7
IO
TRI
TRI
48
P20A8
IO
PU
WH
HOLD
49
P21A9
IO
PU
WH
HOLD
50
P22A10
IO
PU
WH
HOLD
51
P23A11
IO
PU
WH
HOLD
52
P24A12
IO
PU
WH
HOLD
53
P25A13
IO
PU
WH
HOLD
54
P26A14
IO
PU
WH
HOLD
55
P27LED4
IO
OD
TRI
HOLD
56
VSS
57
GATEA20
O
WH
HOLD
58
PCDB7
IO
TRI
TRI
59
PCDB6
IO
TRI
TRI
60
PCDB5
IO
TRI
TRI
61
PCDB4
IO
TRI
TRI
62
PCDB3
IO
TRI
TRI
63
PCDB2
IO
TRI
TRI
64
RCLPROGL
O
WH
HOLD
65
VCC
66
PCDB1
IO
TRI
TRI
67
PCDB0
IO
TRI
TRI
68
RST
I
69
XTAL2
O
H
70
XTAL1
I
71
PCOBF
O
L
HOLD
72
CSL
I
73
RDL
I
74
WRL
I
7


Similar Part No. - 8XC51SL

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51 INTEL-8XC51 Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
8XC51 NXP-8XC51 Datasheet
238Kb / 32P
   80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FA PHILIPS-8XC51FA Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FA PHILIPS-8XC51FA Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
8XC51FB PHILIPS-8XC51FB Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
More results

Similar Description - 8XC51SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6880 ETC-NT6880 Datasheet
289Kb / 13P
   Keyboard Controller
logo
Intel Corporation
80C51SL-BG INTEL-80C51SL-BG Datasheet
2Mb / 30P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868A ETC-NT6868A Datasheet
205Kb / 14P
   Keyboard Controller
logo
Winbond
W83C43 WINBOND-W83C43 Datasheet
264Kb / 21P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
   Keyboard Controller
logo
Winbond
W83C42 WINBOND-W83C42 Datasheet
92Kb / 15P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
   PS2 KEYBOARD CONTROLLER
VT82C42 ETC-VT82C42 Datasheet
61Kb / 13P
   VT82C42 Keyboard Controller
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
AU9410 ETC1-AU9410_06 Datasheet
651Kb / 24P
   USB Keyboard Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com