Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V07E420P Datasheet(PDF) 5 Page - Littelfuse

Part # V07E420P
Description  Radial Lead Varistors UltraMOVTM Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07E420P Datasheet(HTML) 5 Page - Littelfuse

  V07E420P Datasheet HTML 1Page - Littelfuse V07E420P Datasheet HTML 2Page - Littelfuse V07E420P Datasheet HTML 3Page - Littelfuse V07E420P Datasheet HTML 4Page - Littelfuse V07E420P Datasheet HTML 5Page - Littelfuse V07E420P Datasheet HTML 6Page - Littelfuse V07E420P Datasheet HTML 7Page - Littelfuse V07E420P Datasheet HTML 8Page - Littelfuse V07E420P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/12/14
Varistor Products
Radial Lead Varistors > UltraMOVTM Series
Maximum Clamping Voltage for 20mm Parts
V20E130(P) - V20E625(P)
FIGURE 5.
FIGURE 6.
10000
1000
100
10-6
10-5
10-4
0.001
0.01
0.1
110
100
1000
10000
PEAK CURRENT (A)
MODEL SIZE = 14MM
TA = -55oC TO 85oC
130 to 625VM(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
625
460 440
385
230
250
275
300
320
175
150
140
130
420
550
510
10000
1000
100
10-6
10-5
10-4
0.001
0.01
0.1
110
100
1000
10000
PEAK CURRENT (A)
MODEL SIZE = 20MM
TA = -55oC TO 85oC
130 to 625VM(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
625
460 440
385
230
250
275
300
320
175
150
140
130
420
550
510
FIGURE 7.
FIGURE 8.
10000
1000
100
10
1
10
1001000
10000
IMPULSE DURATION ( s)
MODEL SIZE = 7MM
TA = -55oC TO 85oC
104
105
106
1
15
103
102
2
MODEL SIZE = 10MM
TA = -55oC TO 85oC
10000
1000
100
10
1
10
100
1000
10000
IMPULSE DURATION ( s)
1
104
105
106
2
15
103
102
130 to 460VM(AC) RATING
130 to 625VM(AC) RATING
Repetitive Surge Capability for 7mm Parts
V7E130(P) - V7E460(P)
Transient V-I Characteristics Curves (Continued...)
Pulse Rating Curves
Figure 6
Figure 7


Similar Part No. - V07E420P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V07E420P LITTELFUSE-V07E420P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V07E420P LITTELFUSE-V07E420P Datasheet
784Kb / 11P
   Radial Lead Varistors
V07E420P LITTELFUSE-V07E420P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V07E420P LITTELFUSE-V07E420P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E420P LITTELFUSE-V07E420P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
More results

Similar Description - V07E420P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com