Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4749A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1N4749A
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1N4749A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N4749A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N4749A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N4749A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4728A thru 1N4751A
Document Number: 1N4728A thru 1N4751A
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted)
Note:
1.
The JEDEC type numbers shown with an A suffix have a 5% tolerance on nominal zener voltage. No suffix signifies a 10%
tolerance, C signifies 2%, and D signifies 1% tolerance.
2.
The Zener impedance is derived from the 60 HZ ac voltage that results when an ac current having an rms value equal to 10%
of the dc Zener current (IZT or IZK ) is superimposed on IZT or IZK. Zener impedance is measured at two points to ensure a
sharp knee on the breakdown curve and eliminate unstable units.
3.
The reverse surge current is measured at 25°C ambient using a 1/2 square wave or equivalent sine wave pulse 1/120 second
duration superimposed on IZT.
4.
Zener voltage (VZ) is measured at TL=25°C (+8,-2°C) and 90 seconds after application of dc current.
JEDEC
Type
Number
(Note1)
Zener
Voltage
VZ @
IZT
(Note4)
Test
Current
Maximum
Dynamic
Impedance
(Note2)
ZZT @ IZT
Maximum
Knee
Impedance
ZZk @ IZk
Maximum
Regulator
Current
TA=50°C
Knee
Current
Maximum
Reverse
Current
IR @ VR
Maximum
Surge
Current
(Note3)
VZ
(V)
IZT
(mA)
ZZT
(Ohms)
ZZK
(Ohms)
IZM
(mA)
IZK
(mA)
IR
(µA)
VR
(V)
Izsm
(mA)
1N4728A
1N4729A
1N4730A
1N4731A
3.3
3.6
3.9
4.3
76.0
69.0
64.0
58.0
10.0
10.0
9.0
9.0
400
400
400
400
276
252
234
217
1.00
1.00
1.00
1.00
100
100
50
10
1.0
1.0
1.0
1.0
1380
1260
1190
1070
1N4732A
1N4733A
1N4734A
1N4735A
4.7
5.1
5.6
6.2
53.0
49.0
45.0
41.0
8.0
7.0
5.0
2.0
500
550
600
700
193
178
162
146
1.00
1.00
1.00
1.00
10
10
10
10
1.0
1.0
2.0
3.0
970
890
810
730
1N4736A
1N4737A
1N4738A
1N4739A
6.8
7.5
8.2
9.1
37.0
34.0
31.0
28.0
3.5
4.0
4.5
5.0
700
700
700
700
133
121
110
100
1.00
0.50
0.50
0.50
10
10
10
10
4.0
5.0
6.0
7.0
660
605
550
500
1N4740A
1N4741A
1N4742A
1N4743A
10.0
11.0
12.0
13.0
25.0
23.0
21.0
19.0
7.0
8.0
9.0
10.0
700
700
700
700
91
83
76
69
0.25
0.25
0.25
0.25
10
5
5
5
7.6
8.4
9.1
9.9
454
414
380
344
1N4744A
1N4745A
1N4746A
1N4747A
15.0
16.0
18.0
20.0
17.0
15.5
14.0
12.5
14.0
16.0
20.0
22.0
700
700
750
750
61
57
50
45
0.25
0.25
0.25
0.25
5
5
5
5
11.4
12.2
13.7
15.2
304
285
250
225
1N4748A
1N4749A
1N4750A
1N4751A
22.0
24.0
27.0
30.0
11.5
10.5
9.5
8.5
23.0
25.0
35.0
40.0
750
750
750
1000
41
38
34
30
0.25
0.25
0.25
0.25
5
5
5
5
16.7
18.2
20.6
22.8
205
190
170
150
打印无效


Similar Part No. - 1N4749A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1N4749A RENESAS-1N4749A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Yangzhou yangjie electr...
1N4749A YANGJIE-1N4749A Datasheet
160Kb / 3P
   Zener Diodes
logo
NXP Semiconductors
1N4749A PHILIPS-1N4749A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4749A VISHAY-1N4749A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
NXP Semiconductors
1N4749A NXP-1N4749A Datasheet
62Kb / 10P
   Voltage regulator diodes
Rev. 02-30 October 2009
More results

Similar Description - 1N4749A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com