Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB28F200BX-T90 Datasheet(PDF) 9 Page - Intel Corporation

Part # AB28F200BX-T90
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F200BX-T90 Datasheet(HTML) 9 Page - Intel Corporation

Back Button AB28F200BX-T90 Datasheet HTML 5Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 6Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 7Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 8Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 9Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 10Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 11Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 12Page - Intel Corporation AB28F200BX-T90 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
A28F200BX-TB
21 A28F200BX Memory Organization
211 BLOCKING
The A28F200BX uses a blocked array architecture
to provide independent erasure of memory blocks A
block is erased independently of other blocks in the
array when an address is given within the block ad-
dress range and the Erase Setup and Erase Confirm
commands are written to the CUI The A28F200BX
is a random readwrite memory only erasure is per-
formed by block
2111 Boot Block Operation and Data
Protection
The 16-Kbyte boot block provides a lock feature for
secure code storage The intent of the boot block is
to provide a secure storage area for the kernel code
that is required to boot a system in the event of pow-
er failure or other disruption during code update
This lock feature ensures absolute data integrity by
preventing the boot block from being written or
erased when RP
is not at 12V The boot block can
be erased and written when RP
is held at 12V for
the duration of the erase or program operation This
allows customers to change the boot code when
necessary while providing security when needed
See the Block Memory Map section for address lo-
cations of the boot block for the A28F200BX-T and
A28F200BX-B
2112 Parameter Block Operation
The A28F200BX has 2 parameter blocks (8-Kbytes
each) The parameter blocks are intended to provide
storage for frequently updated system parameters
and configuration or diagnostic information The pa-
rameter blocks can also be used to store additional
boot or main code The parameter blocks however
do not have the hardware write protection feature
that the boot block has The parameter blocks pro-
vide for more efficient memory utilization when deal-
ing with parameter changes versus regularly blocked
devices See the Block Memory Map section for ad-
dress locations of the parameter blocks for the
A28F200BX-T and A28F200BX-B
2113 Main Block Operation
Two
main
blocks
of
memory
exist
on
the
A28F200BX (1 x 128-Kbyte block and 1 x 96-Kbyte
block) See the following section on Block Memory
Map for the address location of these blocks for the
A28F200BX-T
and A28F200BX-B products
212 BLOCK MEMORY MAP
Two versions of the A28F200BX product exist to
support two different memory maps of the array
blocks in order to accommodate different microproc-
essor
protocols
for
boot
code
location
The
A28F200BX-T memory map is inverted from the
A28F200BX-B memory map
2121 A28F200BX-B Memory Map
The A28F200BX-B device has the 16-Kbyte boot
block located from 00000H to 01FFFH to accommo-
date those microprocessors that boot from the bot-
tom of the address map at 00000H
In the
A28F200BX-B the first 8-Kbyte parameter block re-
sides in memory space from 02000H to 02FFFH
The second 8-Kbyte parameter block resides in
memory space from 03000H to 03FFFH
The
96-Kbyte main block resides in memory space from
04000H to 0FFFFH The 128-Kbyte main block re-
sides in memory space from 10000H to 1FFFFH
(word locations) See Figure 4
(Word Addresses)
1FFFFH
128-Kbyte MAIN BLOCK
0FFFFH
10000H
96-Kbyte MAIN BLOCK
03FFFH
04000H
8-Kbyte PARAMETER BLOCK
02FFFH
03000H
8-Kbyte PARAMETER BLOCK
01FFFH
02000H
16-Kbyte BOOT BLOCK
00000H
Figure 4 A28F200BX-B Memory Map
9


Similar Part No. - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200B5B80 INTEL-AB28F200B5B80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200B5T80 INTEL-AB28F200B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F200BX-T90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com