Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N8XC51GB-1 Datasheet(PDF) 8 Page - Intel Corporation

Part # N8XC51GB-1
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N8XC51GB-1 Datasheet(HTML) 8 Page - Intel Corporation

Back Button N8XC51GB-1 Datasheet HTML 4Page - Intel Corporation N8XC51GB-1 Datasheet HTML 5Page - Intel Corporation N8XC51GB-1 Datasheet HTML 6Page - Intel Corporation N8XC51GB-1 Datasheet HTML 7Page - Intel Corporation N8XC51GB-1 Datasheet HTML 8Page - Intel Corporation N8XC51GB-1 Datasheet HTML 9Page - Intel Corporation N8XC51GB-1 Datasheet HTML 10Page - Intel Corporation N8XC51GB-1 Datasheet HTML 11Page - Intel Corporation N8XC51GB-1 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8XC51GB
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature under Bias
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Voltage on EAVPP
Pin to VSS
0V to a130V
IOL per IO Pin
15 mA
Voltage on Any Other
Pin to VSS
b
05V to a65V
Power Dissipation15W
(Based on Package heat transfer limitations not de-
vice power consumption)
OTP only
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias
Commercial
0
a
70
C
Express
b
40
a
85
C
VCC
Supply Voltage
40
60
V
fOSC
Oscillator Frequency
8XC51GB
35
12
MHz
8XC51GB-1
35
16
MHz
DC CHARACTERISTICS (Over Operating Conditions)
Symbol
Parameter
Min
Typ(1)
Max
Unit
Test Conditions
VIL
Input Low Voltage
b
05
02 VCC b 01
V
(except Port 2 and EA)
VIL1
Input Low Voltage
b
05
02 VCC b 03
V
(Port 2)
VIL2
Input Low Voltage
0
02 VCC b 03
V
(EA)
VIH
Input High Voltage
02 VCC a 09
VCC a 05
V
(except XTAL1 and RST)
VIH1
Input High Voltage
07 VCC
VCC a 05
V
(XTAL1 RST)
VOL
Output Low Voltage
03
V
IOL e 100 mA (23)
(Ports 1 2 3 4 and 5)
045
V
IOL e 16 mA (23)
10
V
IOL e 35 mA (23)
VOL1
Output Low Voltage
03
V
IOL e 200 mA (23)
(Port 0 PSEN ALE)
045
V
IOL e 32 mA (23)
10
V
IOL e 70 mA (23)
8


Similar Part No. - N8XC51GB-1

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N8XC196JQ INTEL-N8XC196JQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N8XC196JR INTEL-N8XC196JR Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N8XC196KQ INTEL-N8XC196KQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N8XC196KR INTEL-N8XC196KR Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N8XC196MD INTEL-N8XC196MD Datasheet
1Mb / 41P
   8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
More results

Similar Description - N8XC51GB-1

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com