Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP85A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 15KP85A
Description  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

15KP85A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  15KP85A Datasheet HTML 1Page - List of Unclassifed Manufacturers 15KP85A Datasheet HTML 2Page - List of Unclassifed Manufacturers 15KP85A Datasheet HTML 3Page - List of Unclassifed Manufacturers 15KP85A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
15KP17 thru 15KP280CA
Document Number: 15KP17 thru 15KP280CA
www.smsemi.com
Feb.29, 2012
3
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Note1. TVS are normally selected with reverse
“Stand Off Voltage” (VWM) which should be equal to or greater than the dc or
continuous peak operating voltage level.
Note2. For bidirectional construction, indicate a C or CA suffix after the part number, i.e. 15KP280C or 15KP280CA.
Microsemi
Part
Number
(Note 2)
Breakdown
Voltage
VBR @ IBR
Reverse
Stand
Off
Voltage
(Note 1)
Maximum
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Temperature
Coefficient
of V(BR)
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
α
v(BR)(mV/℃)
15KP120
15KP120A
15KP130
15KP130A
133.0
133.0
144.0
144.0
163.0
147.0
176.0
159.0
5
5
5
5
120.0
120.0
130.0
130.0
10
10
10
10
70
78
65
72
214.0
193.0
231.0
209.0
161
145
174
157
15KP150
15KP150A
15KP160
15KP160A
167.0
167.0
178.0
178.0
204.0
185.0
218.0
197.0
5
5
5
5
150.0
150.0
160.0
160.0
10
10
10
10
56
62
52
58
268.0
243.0
287.0
259.0
202
183
216
195
15KP170
15KP170A
15KP180
15KP180A
189.0
189.0
200.0
200.0
231.0
209.0
244.0
221.0
5
5
5
5
170.0
170.0
180.0
180.0
10
10
10
10
49
55
47
52
304.0
275.0
321.0
291.0
229
207
242
219
15KP200
15KP200A
15KP220
15KP220A
222.0
222.0
245.0
245.0
271.0
245.0
299.0
271.0
5
5
5
5
200.0
200.0
220.0
220.0
10
10
10
10
42
47
38
42
356.0
322.0
393.0
356.0
269
243
297
269
15KP240
15KP240A
15KP260
15KP260A
267.0
267.0
289.0
289.0
326.0
295.0
353.0
319.0
5
5
5
5
240.0
240.0
260.0
260.0
10
10
10
10
35
39
32
36
428.0
388.0
464.0
419.0
324
293
352
317
15KP280
15KP280A
311.0
311.0
380.0
344.0
5
5
280.0
280.0
10
10
30
33
500.0
452.0
378
342
打印无效


Similar Part No. - 15KP85A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP85A EIC-15KP85A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
15KP85A LUGUANG-15KP85A Datasheet
119Kb / 3P
   Transient Voltage Supperssor
logo
Microsemi Corporation
15KP85A MICROSEMI-15KP85A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Digitron Semiconductors
15KP85A DIGITRON-15KP85A Datasheet
166Kb / 4P
   15,000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
15KP85A LITTELFUSE-15KP85A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP85A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com