Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJD477002NJ Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJD477002NJ
Description  General purpose SMT chip tantalum series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD477002NJ Datasheet(HTML) 4 Page - AVX Corporation

  TAJD477002NJ Datasheet HTML 1Page - AVX Corporation TAJD477002NJ Datasheet HTML 2Page - AVX Corporation TAJD477002NJ Datasheet HTML 3Page - AVX Corporation TAJD477002NJ Datasheet HTML 4Page - AVX Corporation TAJD477002NJ Datasheet HTML 5Page - AVX Corporation TAJD477002NJ Datasheet HTML 6Page - AVX Corporation TAJD477002NJ Datasheet HTML 7Page - AVX Corporation TAJD477002NJ Datasheet HTML 8Page - AVX Corporation TAJD477002NJ Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
APRIL 2014
9
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TAJE108M006#NJ
E
1000
6.3
85
4
125
60
20
0.2
11)
908
817
363
TAJV108M006#NJ
V
1000
6.3
85
4
125
60
16
0.2
11)
1118
1006
447
10 Volt @ 85°C
TAJA475*010#NJ
A
4.7
10
85
7
125
0.5
6
5
1
122
110
49
TAJA685*010#NJ
A
6.8
10
85
7
125
0.7
6
4
1
137
123
55
TAJA106*010#NJ
A
10
10
85
7
125
1
6
3
1
158
142
63
TAJA156*010#NJ
A
15
10
85
7
125
1.5
6
3.2
1
153
138
61
TAJB156*010#NJ
B
15
10
85
7
125
1.5
6
2.8
1
174
157
70
TAJA226*010#NJ
A
22
10
85
7
125
2.2
8
3
1
158
142
63
TAJB226*010#NJ
B
22
10
85
7
125
2.2
6
2.4
1
188
169
75
TAJA336*010#NJ
A
33
10
85
7
125
3.3
8
1.7
1
210
189
84
TAJB336*010#NJ
B
33
10
85
7
125
3.3
6
1.8
1
217
196
87
TAJC336*010#NJ
C
33
10
85
7
125
3.3
6
1.6
1
262
236
105
TAJB476*010#NJ
B
47
10
85
7
125
4.7
8
1
1
292
262
117
TAJC476*010#NJ
C
47
10
85
7
125
4.7
6
1.2
1
303
272
121
TAJB686*010#NJ
B
68
10
85
7
125
6.8
6
1.4
1
246
222
99
TAJC686*010#NJ
C
68
10
85
7
125
6.8
6
1.3
1
291
262
116
TAJB107M010#NJ
B
100
10
85
7
125
10
8
1.4
1
246
222
99
TAJC107*010#NJ
C
100
10
85
7
125
10
8
1.2
1
303
272
121
TAJD107*010#NJ
D
100
10
85
7
125
10
6
0.9
1
408
367
163
TAJC157*010#NJ
C
150
10
85
7
125
15
8
0.9
1
350
315
140
TAJD157*010#NJ
D
150
10
85
7
125
15
8
0.9
1
408
367
163
TAJE157*010#NJ
E
150
10
85
7
125
15
8
0.9
11)
428
385
171
TAJC227*010#NJ
C
220
10
85
7
125
22
16
0.5
1
469
422
188
TAJD227*010#NJ
D
220
10
85
7
125
22
8
0.5
1
548
493
219
TAJE227*010#NJ
E
220
10
85
7
125
22
8
0.5
11)
574
517
230
TAJD337*010#NJ
D
330
10
85
7
125
33
8
0.9
1
408
367
163
TAJE337*010#NJ
E
330
10
85
7
125
33
8
0.9
11)
428
385
171
TAJV337*010#NJ
V
330
10
85
7
125
33
10
0.9
11)
572
474
211
TAJE477*010#NJ
E
470
10
85
7
125
47
10
0.5
11)
574
517
230
TAJU477*010RNJ
U
470
10
85
7
125
47
12
0.5
11)
574
517
230
TAJV477*010#NJ
V
470
10
85
7
125
47
10
0.5
11)
707
636
283
16 Volt @ 85°C
TAJA225*016#NJ
A
2.2
16
85
10
125
0.5
6
6.5
1
107
97
43
TAJA335*016#NJ
A
3.3
16
85
10
125
0.5
6
5
1
122
110
49
TAJB335*016#NJ
B
3.3
16
85
10
125
0.5
6
4.5
1
137
124
55
TAJA475*016#NJ
A
4.7
16
85
10
125
0.8
6
4
1
137
123
55
TAJB475*016#NJ
B
4.7
16
85
10
125
0.8
6
3.5
1
156
140
62
TAJA685*016#NJ
A
6.8
16
85
10
125
1.1
6
3.5
1
146
132
59
TAJB685*016#NJ
B
6.8
16
85
10
125
1.1
6
2.5
1
184
166
74
TAJA106*016#NJ
A
10
16
85
10
125
1.6
6
3
1
158
142
63
TAJB106*016#NJ
B
10
16
85
10
125
1.6
6
2.8
1
174
157
70
TAJC106*016#NJ
C
10
16
85
10
125
1.6
6
2
1
235
211
94
TAJA156M016#NJ
A
15
16
85
10
125
2.4
6
2
1
194
174
77
TAJB156*016#NJ
B
15
16
85
10
125
2.4
6
2.5
1
184
166
74
TAJC156*016#NJ
C
15
16
85
10
125
2.4
6
1.8
1
247
222
99
TAJB226*016#NJ
B
22
16
85
10
125
3.5
6
2.3
1
192
173
77
TAJC226*016#NJ
C
22
16
85
10
125
3.5
6
1
1
332
298
133
TAJD226*016#NJ
D
22
16
85
10
125
3.5
6
1.1
1
369
332
148
TAJB336*016#NJ
B
33
16
85
10
125
5.3
8
2.1
1
201
181
80
TAJC336*016#NJ
C
33
16
85
10
125
5.3
6
1.5
1
271
244
108
TAJD336*016#NJ
D
33
16
85
10
125
5.3
6
0.9
1
408
367
163
TAJC476*016#NJ
C
47
16
85
10
125
7.5
6
0.5
1
469
422
188
TAJD476*016#NJ
D
47
16
85
10
125
7.5
6
0.9
1
408
367
163
TAJC686*016#NJ
C
68
16
85
10
125
10.9
6
1.3
1
291
262
116
TAJD686*016#NJ
D
68
16
85
10
125
10.9
6
0.9
1
408
367
163
TAJC107*016#NJ
C
100
16
85
10
125
16
8
1
1
332
298
133
TAJD107*016#NJ
D
100
16
85
10
125
16
6
0.6
1
500
450
200
TAJE107*016#NJ
E
100
16
85
10
125
16
6
0.9
11)
428
385
171
TAJD157*016#NJ
D
150
16
85
10
125
24
6
0.9
1
408
367
163
TAJE157*016#NJ
E
150
16
85
10
125
23
8
0.3
11)
742
667
297
TAJV157*016#NJ
V
150
16
85
10
125
24
8
0.5
11)
707
636
283
TAJE227*016#NJ
E
220
16
85
10
125
35.2
10
0.5
11)
574
517
230
TAJV227*016#NJ
V
220
16
85
10
125
35.2
8
0.9
11)
527
474
211
TAJE337M016#NJ
E
330
16
85
10
125
52.8
30
0.4
11)
642
578
257
20 Volt @ 85°C
TAJA105*020#NJ
A
1
20
85
13
125
0.5
4
9
1
91
82
37
TAJA155*020#NJ
A
1.5
20
85
13
125
0.5
6
6.5
1
107
97
43
TAJA225*020#NJ
A
2.2
20
85
13
125
0.5
6
5.3
1
119
107
48
TAJB225*020#NJ
B
2.2
20
85
13
125
0.5
6
3.5
1
156
140
62
TAJA335*020#NJ
A
3.3
20
85
13
125
0.7
6
4.5
1
129
116
52


Similar Part No. - TAJD477002NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD477002NJ AVX-TAJD477002NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJD477002NJ AVX-TAJD477002NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD477002NJ AVX-TAJD477002NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJD477002NJ AVX-TAJD477002NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD477002NJ AVX-TAJD477002NJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJD477002NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com