Electronic Components Datasheet Search |
|
TAJV108004NJ Datasheet(PDF) 8 Page - AVX Corporation |
|
TAJV108004NJ Datasheet(HTML) 8 Page - AVX Corporation |
8 / 12 page APRIL 2014 ■ 13 TAJ Automotive Range Standard Tantalum - Automotive Product Range TAJ AUTOMOTIVE RANGE CAPACITANCE AND RATED VOLTAGE RANGE (LETTER DENOTES CASE SIZE) Capacitance Rated voltage DC (V R) to 85°C μF Code 6.3V (J) 10V (A) 16V (C) 20V (D) 25V (E) 35V (V) 50V (T) 0.10 104 0.15 154 0.22 224 A 0.33 334 AA 0.47 474 AA A/B 0.68 684 AA B 1.0 105 A AA A/B B/C 1.5 155 A A A/B C 2.2 225 A AA/B A/B B/C C/D 3.3 335 A A/B A/B B B/C C/D 4.7 475 A/B A/B A/B B/C B/C/D C/D 6.8 685 A/B A/B B/C B/C C/D D 10 106 A/B A/B A/B/C B/C C/D C/D D/E 15 156 A A/B/C B/C B/C C/D D E 22 226 A/B/C A/B/C B/C/D C/D C/D D/E 33 336 A/B B/C C/D C/D D E 47 476 B/C B/C/D C/D D D/E 68 686 B/C C/D C/D D/E 100 107 C/D C/D D/E E 150 157 C/D D/E E 220 227 D D/E 330 337 D/E E 470 477 D/E 680 687 E Not recommended for new designs, higher voltage or smaller case size substitution are offered. Released codes Engineering samples - please contact manufacturer Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards. HOW TO ORDER 106 Capacitance Code pF code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) M Tolerance K = ±10% M = ±20% 035 Rated DC Voltage 006 = 6.3Vdc 025 = 25Vdc 010 = 10Vdc 035 = 35Vdc 016 = 16Vdc 050 = 50Vdc 020 = 20Vdc T Packaging T = Automotive Lead Free 7" Reel U = Automotive Lead Free 13" Reel NJ Specification Suffix NJ = Std Suffix V Dry Pack Option (D,E case sizes mandatory) TAJ Type C Case Size See table above Technical Data: All technical data relate to an ambient temperature of +25°C Capacitance Range: 0.22 μF to 680 μF Capacitance Tolerance: ±10%; ±20% Rated Voltage (VR) +85°C: 6.3 10 16 20 25 35 50 Category Voltage (VC) +125°C: 4 7 10 13 17 23 33 Surge Voltage (VS) +85°C: 8 13 20 26 32 46 65 Surge Voltage (VS) +125°C: 5 8 13 16 20 28 40 Temperature Range: -55°C to +125°C Environmental Classification: 55/125/56 (IEC 68-2) Reliability: 1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance, 60% confidence level Termination Finished: Sn Plating (standard), Gold and SnPb Plating upon request Meets requirements of AEC-Q200 TECHNICAL SPECIFICATIONS LEAD-FREE COMPATIBLE COMPONENT |
Similar Part No. - TAJV108004NJ |
|
Similar Description - TAJV108004NJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |