Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLCH336M006TA Datasheet(PDF) 3 Page - AVX Corporation

Part # TLCH336M006TA
Description  Tantalum Solid Electrolytic Chip Capacitors Consumer Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLCH336M006TA Datasheet(HTML) 3 Page - AVX Corporation

  TLCH336M006TA Datasheet HTML 1Page - AVX Corporation TLCH336M006TA Datasheet HTML 2Page - AVX Corporation TLCH336M006TA Datasheet HTML 3Page - AVX Corporation TLCH336M006TA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
58
JANUARY 2015
TLC Series
Tantalum Solid Electrolytic Chip Capacitors
Consumer Series
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature
Voltage
Temperature
(μA)
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
@ 100kHz
2 Volt @ 40°C
TLCK156M002#TA
K
15
2
40
0.4
125
0.5
15
3
32
28
13
TLCJ226M002#TA
J
22
2
40
0.4
125
0.5
7.5
3
52
46
21
TLCL476M002#TA
L
47
2
40
0.4
125
0.9
7.5
3
58
52
23
TLCR227M002#TA
R
220
2
40
0.4
125
4.4
5
3
95
85
38
3 Volt @ 40°C
TLCK685M003#TA
K
6.8
3
40
0.6
125
0.5
15
3
32
28
13
TLCK106M003#TA
K
10
3
40
0.6
125
0.5
15
3
32
28
13
TLCK156M003#TA
K
15
3
40
0.6
125
0.5
15
3
32
28
13
TLCJ226M003#TA
J
22
3
40
0.6
125
0.7
7.5
3
52
46
21
TLCL476M003#TA
L
47
3
40
0.6
125
1.4
7.5
3
58
52
23
TLCR476M003#TA
R
47
3
40
0.6
125
3.0
7.5
3
77
70
31
4 Volt @ 40°C
TLCK475M004#TA
K
4.7
4
40
0.8
125
0.5
15
3
32
28
13
TLCK685M004#TA
K
6.8
4
40
0.8
125
0.5
15
3
32
28
13
TLCJ106M004#TA
J
10
4
40
0.8
125
0.5
7.5
3
52
46
21
TLCK106M004#TA
K
10
4
40
0.8
125
0.5
15
3
32
28
13
TLCZ106M004#TA
Z
10
4
40
0.8
125
0.5
15
3
37
33
15
TLCK156M004#TA
K
15
4
40
0.8
125
3.0
15
3
32
28
13
TLCU226M004#TA
U
22
4
40
0.8
125
0.9
12
3
54
49
22
TLCL336M004#TA
L
33
4
40
0.8
125
1.3
7.5
3
58
52
23
TLCU336M004#TA
U
33
4
40
0.8
125
2.6
9
3
62
56
25
TLCH476M004#TA
H
47
4
40
0.8
125
1.9
5
3
89
80
36
TLCL476M004#TA
L
47
4
40
0.8
125
1.9
7.5
3
58
52
23
TLCR686M004#TA
R
68
4
40
0.8
125
2.7
5
3
95
85
38
TLCR107M004#TA
R
100
4
40
0.8
125
4.0
5
3
95
85
38
TLCR157M004#TA
R
150
4
40
0.8
125
6.0
5
3
95
85
38
TLCR227M004#TA
R
220
4
40
0.8
125
8.8
5
3
95
85
38
TLCT227M004#TA
T
220
4
40
0.8
125
8.8
1
3
200
180
80
6.3 Volt @ 40°C
TLCE474M006HTA
E
0.47
6.3
40
1.3
125
1.0
60
3
13
12
5
TLCE105M006HTA
E
1
6.3
40
1.3
125
1.0
60
3
13
12
5
TLCK225M006#TA
K
2.2
6.3
40
1.3
125
0.5
15
3
32
28
13
TLCK475M006#TA
K
4.7
6.3
40
1.3
125
0.5
15
3
32
28
13
TLCU475M006#TA
U
4.7
6.3
40
1.3
125
0.5
5
3
84
75
33
TLCJ106M006#TA
J
10
6.3
40
1.3
125
0.6
7.5
3
52
46
21
TLCK106M006#TA
K
10
6.3
40
1.3
125
3.1
15
3
32
28
13
TLCZ106M006#TA
Z
10
6.3
40
1.3
125
0.6
15
3
37
33
15
TLCL226M006#TA
L
22
6.3
40
1.3
125
1.4
7.5
3
58
52
23
TLCU226M006#TA
U
22
6.3
40
1.3
125
2.8
12
3
54
49
22
TLCH336M006#TA
H
33
6.3
40
1.3
125
2.0
5
3
89
80
36
TLCL336M006#TA
L
33
6.3
40
1.3
125
2.1
7.5
3
58
52
23
TLCL336M006#4000
L
33
6.3
40
1.3
125
2.1
4
3
79
71
32
TLCU336M006#TA
U
33
6.3
40
1.3
125
10.4
7.5
3
68
61
27
TLCV336M006#TA
V
33
6.3
40
1.3
125
4.2
5
3
84
75
33
TLCH476M006#TA
H
47
6.3
40
1.3
125
3.0
5
3
89
80
36
TLCR476M006#TA
R
47
6.3
40
1.3
125
6.0
5
3
95
85
38
TLCV476M006#TA
V
47
6.3
40
1.3
125
6.0
15
3
48
43
19
TLCR686M006#TA
R
68
6.3
40
1.3
125
4.3
5
3
95
85
38
TLCR107M006#TA
R
100
6.3
40
1.3
125
6.0
5
3
95
85
38
TLCT107M006#TA
T
100
6.3
40
1.3
125
31.5
15
3
52
46
21
TLCR157M006#TA
R
150
6.3
40
1.3
125
9.5
5
3
95
85
38
8 Volt @ 40°C
TLCL336M008#TA
L
33
8
40
1.6
125
26.4
10
3
50
45
20
TLCD476M008#TA
D
47
8
40
1.6
125
18.8
7
3
71
64
28
10 Volt @ 40°C
TLCK225M010#TA
K
2.2
10
40
2
125
0.5
15
3
32
28
13
TLCJ475M010#TA
J
4.7
10
40
2
125
0.5
10
3
45
40
18
TLCU685M010#TA
U
6.8
10
40
2
125
0.7
5
3
84
75
33
TLCU106M010#TA
U
10
10
40
2
125
1.0
5
3
84
75
33
TLCH156M010#TA
H
15
10
40
2
125
1.5
5
3
58
52
23
TLCL156M010#TA
L
15
10
40
2
125
1.5
7.5
3
89
80
36
TLCL226M010#TA
L
22
10
40
2
125
11
10
3
50
45
20
TLCM226M010#TA
M
22
10
40
2
125
2.2
7.5
3
63
57
25
TLCH336M010#TA
H
33
10
40
2
125
3.3
5
3
89
80
36
TLCH476M010#TA
H
47
10
40
2
125
23.5
7.5
3
73
66
29
TLCR476M010#TA
R
47
10
40
2
125
4.7
5
3
95
85
38
TLCR686M010#TA
R
68
10
40
2
125
6.8
5
3
95
85
38
TLCR107M010#TA
R
100
10
40
2
125
10
5
3
95
85
38
TLCT107M010#TA
T
100
10
40
2
125
10
1
3
200
180
80
TLCA157M010#TA
A
150
10
40
2
125
7.5
5
3
89
80
36


Similar Part No. - TLCH336M006TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
logo
Texas Instruments
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04/MF4A-50 TI1-TLC04/MF4A-50 Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04CD TI-TLC04CD Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results

Similar Description - TLCH336M006TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com