Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5601 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5601
Description  2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5601 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5601_15 Datasheet HTML 3Page - Analog Devices AD5601_15 Datasheet HTML 4Page - Analog Devices AD5601_15 Datasheet HTML 5Page - Analog Devices AD5601_15 Datasheet HTML 6Page - Analog Devices AD5601_15 Datasheet HTML 7Page - Analog Devices AD5601_15 Datasheet HTML 8Page - Analog Devices AD5601_15 Datasheet HTML 9Page - Analog Devices AD5601_15 Datasheet HTML 10Page - Analog Devices AD5601_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. G | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Typical AD5621 INL
Figure 6. Typical AD5611 INL
Figure 7. Typical AD5601 INL
Figure 8. AD5621 Total Unadjusted Error (TUE)
Figure 9. AD5611 Total Unadjusted Error (TUE)
Figure 10. AD5601 Total Unadjusted Error (TUE)
–1.0
–0.5
0
0.5
1.0
DAC CODE
64
564
1064
1564
2064
2564
3064
3564
4064
VDD = VREF = 5V
TA = 25°C
0
16
116
216
316
416
516
616
716
816
916
DAC CODE
VDD = VREF = 5V
TA = 25°C
–0.5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
4
54
104
154
204
DAC CODE
VDD = VREF = 5V
TA = 25°C
–0.100
–0.075
–0.050
–0.025
0.025
0.050
0.075
0.100
–2.5
–1.5
–0.5
0.5
1.5
2.5
64
564
1064
1564
2064
2564
3064
3564
DAC CODE
0
1.0
2.0
–2.0
–1.0
VDD = VREF = 5V
TA = 25°C
4064
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
16
116
216
316
416
516
616
716
816
916
DAC CODE
VDD = VREF = 5V
TA = 25°C
–0.20
–0.15
–0.10
–0.05
0.05
0.10
0.15
0.20
4
54
104
154
204
DAC CODE
0
VDD = VREF = 5V
TA = 25°C


Similar Part No. - AD5601_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results

Similar Description - AD5601_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5641 AD-AD5641 Datasheet
572Kb / 20P
   2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5641BKSZ AD-AD5641BKSZ Datasheet
504Kb / 20P
   SPI Interface in LFCSP and SC70
REV. D
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com