Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5625 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5625
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5625 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5625_15 Datasheet HTML 5Page - Analog Devices AD5625_15 Datasheet HTML 6Page - Analog Devices AD5625_15 Datasheet HTML 7Page - Analog Devices AD5625_15 Datasheet HTML 8Page - Analog Devices AD5625_15 Datasheet HTML 9Page - Analog Devices AD5625_15 Datasheet HTML 10Page - Analog Devices AD5625_15 Datasheet HTML 11Page - Analog Devices AD5625_15 Datasheet HTML 12Page - Analog Devices AD5625_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Rev. C | Page 9 of 36
Parameter
Test Conditions2
Min
Max
Unit
Description
t12
Standard mode
300
ns
tFCL, fall time of SCL signal
Fast mode
300
ns
High speed mode, CB = 100 pF
10
40
ns
High speed mode, CB = 400 pF
20
80
ns
t13
Standard mode
10
ns
LDAC pulse width low
Fast mode
10
ns
High speed mode
10
ns
t14
Standard mode
300
ns
Falling edge of ninth SCL clock pulse of last byte
of a valid write to LDAC falling edge
Fast mode
300
ns
High speed mode
30
ns
t15
Standard mode
20
ns
CLR pulse width low
Fast mode
20
ns
High speed mode
20
ns
tSP4
Fast mode
0
50
ns
Pulse width of spike suppressed
High speed mode
0
10
ns
1
See Figure 3. High speed mode timing specification applies only to the AD5625RBRUZ-2/AD5625RBRUZ-2REEL7 and AD5665RBRUZ-2/AD5665RBRUZ-2REEL7.
2
CB refers to the capacitance on the bus line.
3
The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate but has a negative effect on the EMC
behavior of the part.
4
Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns for fast mode or less than 10 ns for high speed mode.
Figure 3. 2-Wire Serial Interface Timing Diagram
SCL
SDA
P
S
S
P
t8
t6
t5
t3
t10
t9
t4
t6
t1
t2
t11
t12
t14
CLR
t13
t15
LDAC*
t7
*ASYNCHRONOUS LDAC UPDATE MODE.


Similar Part No. - AD5625_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5625BCPZ-250RL7 AD-AD5625BCPZ-250RL7 Datasheet
819Kb / 32P
   Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Rev. PrA
AD5625BCPZ-R2 AD-AD5625BCPZ-R2 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5625BCPZ-REEL7 AD-AD5625BCPZ-REEL7 Datasheet
819Kb / 32P
   Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Rev. PrA
AD5625BCPZ-REEL7 AD-AD5625BCPZ-REEL7 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5625BRUZ AD-AD5625BRUZ Datasheet
819Kb / 32P
   Quad, 12-/14-/16-Bit nanoDACs with 5ppm/째C On-chip Ref, I2C Interface
Rev. PrA
More results

Similar Description - AD5625_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5627 AD-AD5627_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5647R AD-AD5647R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627R AD-AD5627R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5667R AD-AD5667R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com