Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5627 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5627
Description  Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5627 Datasheet(HTML) 2 Page - Analog Devices

  AD5627_15 Datasheet HTML 1Page - Analog Devices AD5627_15 Datasheet HTML 2Page - Analog Devices AD5627_15 Datasheet HTML 3Page - Analog Devices AD5627_15 Datasheet HTML 4Page - Analog Devices AD5627_15 Datasheet HTML 5Page - Analog Devices AD5627_15 Datasheet HTML 6Page - Analog Devices AD5627_15 Datasheet HTML 7Page - Analog Devices AD5627_15 Datasheet HTML 8Page - Analog Devices AD5627_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagrams............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Characteristics........................................................................ 5
I2C Timing Specifications............................................................ 6
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 10
Terminology .................................................................................... 18
Theory of Operation ...................................................................... 20
D/A Section................................................................................. 20
Resistor String ............................................................................. 20
Output Amplifier........................................................................ 20
Internal reference........................................................................ 20
External reference....................................................................... 20
Serial Interface ............................................................................ 21
Write Operation.......................................................................... 21
Read Operation........................................................................... 21
High Speed Mode....................................................................... 21
Input Shift Register .................................................................... 23
Multiple Byte Operation............................................................ 23
Broadcast Mode.......................................................................... 23
LDAC Function .......................................................................... 23
Power-Down Modes .................................................................. 25
Power-On Reset and Software Reset ....................................... 26
Clear Pin (CLR) .......................................................................... 26
Internal Reference Setup (R Versions) .................................... 26
Application Information................................................................ 27
Using a Reference as a Power Supply for the
AD56x7R/AD56x7 ..................................................................... 27
Bipolar Operation Using the AD56x7R/AD56x7 .................. 27
Power Supply Bypassing and Grounding................................ 27
Outline Dimensions ....................................................................... 28
Ordering Guide .......................................................................... 29
REVISION HISTORY
1/07—Revision 0: Initial Version


Similar Part No. - AD5627_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5627BCPZ-250RL7 AD-AD5627BCPZ-250RL7 Datasheet
777Kb / 30P
   Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
Rev. PrA
AD5627BCPZ-R2 AD-AD5627BCPZ-R2 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5627BCPZ-REEL7 AD-AD5627BCPZ-REEL7 Datasheet
777Kb / 30P
   Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
Rev. PrA
AD5627BCPZ-REEL7 AD-AD5627BCPZ-REEL7 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5627BRMZ AD-AD5627BRMZ Datasheet
777Kb / 30P
   Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
Rev. PrA
More results

Similar Description - AD5627_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5647R AD-AD5647R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5627R AD-AD5627R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5667R AD-AD5667R_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5667 AD-AD5667_15 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. 0
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5665R AD-AD5665R_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com