Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8242AH Datasheet(PDF) 11 Page - Intel Corporation

Part # P8242AH
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P8242AH Datasheet(HTML) 11 Page - Intel Corporation

Back Button P8242AH Datasheet HTML 7Page - Intel Corporation P8242AH Datasheet HTML 8Page - Intel Corporation P8242AH Datasheet HTML 9Page - Intel Corporation P8242AH Datasheet HTML 10Page - Intel Corporation P8242AH Datasheet HTML 11Page - Intel Corporation P8242AH Datasheet HTML 12Page - Intel Corporation P8242AH Datasheet HTML 13Page - Intel Corporation P8242AH Datasheet HTML 14Page - Intel Corporation P8242AH Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
UPI-41AH42AH
ACCESS CODE
The following table summarizes the access codes required to invoke the Sync Mode Signature Mode
and the Security Bit respectively Also the programming and verification modes are included for
comparison
Control Signals
Data Bus
Access Code
Modes
Port 2
Port 1
T0
RST SS EA PROG VDD VCC 01234567 0 1 2 0 1 2345 6 7
Programming
0
0
1 HV
1
VDDH VCC
Address
Addr
a0 a1 XXXX X X
Mode
0
1
1 HV
STB
VDDH VCC
Data In
Addr
Verification
0
0
1 HV
1
VCC VCC
Address
Addr
a0 a1 XXXX X X
Mode
11
1 HV
1
VCC VCC
Data Out
Addr
Sync Mode
STB
0
HV 0
X
VCC VCC XXXXXXXX X X X X X XXXX X X
High
Signature Prog
0
0
1 HV
1
VDDH VCC
Addr (see Sig Mode Table)
0 0 0 0
1 1 1 1 X X 1
Mode
0
1
1 HV
STB
VDDH VCC
Data In
0 0 0
Verify
0
0
1 HV
1
VCC VCC
Addr (see Sig Mode Table)
0 0 0
11
1 HV
1
VCC VCC
Data Out
0 0 0
Security
Prog
0
0
1 HV
1
VDDH VCC
Address
0 0 0
BitByte
0
1
1 HV
STB
VDDH VCC
Data In
0 0 0
Verify
0
0
1 HV
1
VCC VCC
Address
0 0 0
11
1 HV
1
VCC VCC
Data Out
0 0 0
NOTES
1 a0 e 0or1 a1 e 0or1 a0 must e a1
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Voltage on Any Pin with
Respect to Ground
b
05V to a7V
Power Dissipation
15 W
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC CHARACTERISTICS TA e 0 Cto a70 C VCC e VDD ea5V g10%
Symbol
Parameter
UPI-41AH42AH
Units
Notes
Min
Max
VIL
Input Low Voltage (Except XTAL1 XTAL2 RESET)
b
05
08
V
VIL1
Input Low Voltage (XTAL1 XTAL2 RESET)
b
05
06
V
VIH
Input High Voltage (Except XTAL1 XTAL2 RESET)
20
VCC
V
VIH1
Input High Voltage (XTAL1 RESET)
35
VCC
V
VIH2
Input High Voltage (XTAL2)
22
VCC
V
VOL
Output Low Voltage (D0–D7)
045
V
IOL e 20 mA
11


Similar Part No. - P8242AH

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P824 ATM-P824 Datasheet
122Kb / 1P
   2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
More results

Similar Description - P8242AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
Digital Core Design
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
   Serial Peripheral Interface - Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
   Serial Peripheral Interface Master/Slave with FIFO
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX25512ASA00A RENESAS-R1EX25512ASA00A Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com