Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8042AH Datasheet(PDF) 10 Page - Intel Corporation

Part # P8042AH
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P8042AH Datasheet(HTML) 10 Page - Intel Corporation

Back Button P8042AH Datasheet HTML 6Page - Intel Corporation P8042AH Datasheet HTML 7Page - Intel Corporation P8042AH Datasheet HTML 8Page - Intel Corporation P8042AH Datasheet HTML 9Page - Intel Corporation P8042AH Datasheet HTML 10Page - Intel Corporation P8042AH Datasheet HTML 11Page - Intel Corporation P8042AH Datasheet HTML 12Page - Intel Corporation P8042AH Datasheet HTML 13Page - Intel Corporation P8042AH Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
UPI-41AH42AH
SYNC MODE
The Sync Mode is provided to ease the design of
multiple controller circuits by allowing the designer
to force the device into known phase and state time
The Sync Mode may also be utilized by automatic
test equipment (ATE) for quick easy and efficient
synchronizing between the tester and the DUT (de-
vice under test)
Sync Mode is enabled when SS pin is raised to high
voltage level of a12 volts To begin synchroniza-
tion T0 is raised to 5 volts at least four clock cycles
after SS T0 must be high for at least four X1 clock
cycles to fully reset the prescaler and time state
generators T0 may then be brought down during
low state of X1 Two clock cycles later with the ris-
ing edge of X1 the device enters into Time State 1
Phase 1 SS is then brought down to 5 volts 4 clocks
later after T0 RESET is allowed to go high 5 tCY (75
clocks) later for normal execution of code
SYNC MODE TIMING DIAGRAMS
210393 – 28
Minimum Specifications
SYNC Operation Time tSYNC e 35 XTAL 1 Clock cycles Reset Time tRS e 4tCY
NOTE
The rising and falling edges of T0 should occur during low state of XTAL1 clock
10


Similar Part No. - P8042AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P8042 INTEL-P8042 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
More results

Similar Description - P8042AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
Digital Core Design
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
   Serial Peripheral Interface - Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
   Serial Peripheral Interface Master/Slave with FIFO
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
   8-bit Microcontroller withI2C Interface
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX25512ASA00A RENESAS-R1EX25512ASA00A Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com